Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLPR2 Datasheet(PDF) 2 Page - Kingston Technology Far East Co. Ltd

Part # MLPR2
Description  CANVAS REACT PLUS SD Creativity and Inspiration in Professional Quality
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGSTON [Kingston Technology Far East Co. Ltd]
Direct Link  https://www.kingston.com/
Logo KINGSTON - Kingston Technology Far East Co. Ltd

MLPR2 Datasheet(HTML) 2 Page - Kingston Technology Far East Co. Ltd

  MLPR2 Datasheet HTML 1Page - Kingston Technology Far East Co. Ltd MLPR2 Datasheet HTML 2Page - Kingston Technology Far East Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CANVAS REACT PLUS SD
KINGSTON PART NUMBERS
Ultimate speeds to support professional
camera use — With transfer speeds of up to 300MB/s1
and recording speeds of up to 260MB/s1, this card is
ideal for professional creators.
Latest UHS-II standard for reliable high-resolution
photography and video recording — Capture 4K and
8K Ultra-HD high-speed shots and videos without
dropping frames.
1. Based on internal testing performance will vary based on host device. Full performance requires MobileLite Plus
UHS-II SD Reader.
2. Some of the listed capacity on a Flash storage device is used for formatting and other functions and is thus not
available for data storage. As such, the actual available capacity for data storage is less than what is listed on the
products. For more information, go to Kingston’s Flash memory guide at kingston.com/flashguide.
SPECIFICATIONS
FEATURES / BENEFITS
Top-of-the-line performance for professional
photographers & digital filmmakers — The Canvas
React Plus leverages UHS Speed Class 3 (U3) and
Video Speed Class 90 (V90) for peak performance with
professional camcorders and digital cinema cameras.
Optimise file transfer with included UHS-II SD Reader —
Expedite your workflow with quick transfers using the
included MobileLite Plus SD Reader.
Capacities2
32GB, 64GB, 128GB, 256GB
Standard/Class
Class 10, UHS-II, U3, V90
Performance1
300/260MB/s read/write
Dimensions
24mm x 32mm x 2.1mm (SD)
51.8mm x 33.5mm x 9mm (reader)
Format
FAT32 (32GB)
exFAT (64GB-256GB)
Operating temperature
-25°C~85°C
Storage temperature
-40°C~85°C
Voltage
3.3V
Warranty/support
card: lifetim; reader: 2-year
THIS DOCUMENT SUBJECT TO CHANGE WITHOUT NOTICE.
©2020 Kingston Technology Corporation, 17600 Newhope Street, Fountain Valley, CA 92708 USA. All rights reserved.
All trademarks and registered trademarks are the property of their respective owners. MKD-415 US
Card (SD card & Reader included):
MLPR2/32GB
MLPR2/64GB
MLPR2/128GB
MLPR2/256GB



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com