Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTP2041FTC Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZXTP2041FTC
Description  SOT23 40 volt PNP silicon planar medium power transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXTP2041FTC Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZXTP2041FTC Datasheet HTML 1Page - Zetex Semiconductors ZXTP2041FTC Datasheet HTML 2Page - Zetex Semiconductors ZXTP2041FTC Datasheet HTML 3Page - Zetex Semiconductors ZXTP2041FTC Datasheet HTML 4Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ZXTP2041F
Issue 3 - November 2005
2
www.zetex.com
© Zetex Semiconductors plc 2005
Absolute maximum ratings
Parameter
Symbol
Limit
Unit
Collector-base voltage
VCBO
-40
V
Collector-emitter voltage
VCEO
-40
V
Emitter-base voltage
VEBO
-5.0
V
Peak pulse current
ICM
-2
A
Continuous collector current*
NOTES:
* For a device surface mounted on a 15mm x 15mm FR4 PCB with high coverage of single sided 1oz copper, in still air
conditions.
IC
-1
A
Peak base current
IBM
-1
A
Power dissipation @ TA=25°C
*
PD
350
mW
Operating and storage temperature
Tj:Tstg
-55 to +150
°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com