Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REFD5562 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # REFD5562
Description  Campbell (MAXREFDES4#): 16-Bit High-Accuracy 4-20mA Input Isolated Analog Front End (AFE)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

REFD5562 Datasheet(HTML) 4 Page - Maxim Integrated Products

  REFD5562 Datasheet HTML 1Page - Maxim Integrated Products REFD5562 Datasheet HTML 2Page - Maxim Integrated Products REFD5562 Datasheet HTML 3Page - Maxim Integrated Products REFD5562 Datasheet HTML 4Page - Maxim Integrated Products REFD5562 Datasheet HTML 5Page - Maxim Integrated Products REFD5562 Datasheet HTML 6Page - Maxim Integrated Products REFD5562 Datasheet HTML 7Page - Maxim Integrated Products REFD5562 Datasheet HTML 8Page - Maxim Integrated Products REFD5562 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Figure 2a. The Campbell firmware flowchart for Nexys 3 Platform.
The firmware accepts commands, writes status, and is capable of downloading blocks of sampled data to a
standard terminal program via a virtual COM port. The complete source code is provided to speed up customer
development. Code documentation can be found in the corresponding firmware platform files.
Detailed Description of Firmware for ZedBoard Platform
The Campbell firmware design is also developed and tested for the ZedBoard kit and targets an ARM® Cortex®
-A9 processor placed inside a Xilinx Zynq system-on-chip (SoC).
An AXI MAX11100 custom IP core is created for this reference design to optimize the sampling rate and SPI
timing stability.
The firmware is a working example of how to interface to the hardware, collect samples, and save them to
memory. The simple process flow is shown in Figure 2b. The firmware is written in C using the Xilinx SDK tool,
which is based on the Eclipse open source standard. Custom Campbell-specific design functions were created
utilizing the AXI MAX11100 custom IP core. The SPI clock frequency is set to 4.54MHz when a 189.4ksps
sampling rate is selected. The SPI clock frequency is set to 2.5MHz for all other sampling rate.
Page 4 of 10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com