Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REFD5512 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # REFD5512
Description  Riverside (MAXREFDES8#): 3.3V Input, 12V (15V) Output Isolated Power Supply
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

REFD5512 Datasheet(HTML) 4 Page - Maxim Integrated Products

  REFD5512 Datasheet HTML 1Page - Maxim Integrated Products REFD5512 Datasheet HTML 2Page - Maxim Integrated Products REFD5512 Datasheet HTML 3Page - Maxim Integrated Products REFD5512 Datasheet HTML 4Page - Maxim Integrated Products REFD5512 Datasheet HTML 5Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Figure 6. Noise at VOUT = 12V, IOUT = 165mA. Figure 7. Noise at VOUT = 15V, IOUT = 60mA.
All Design Files
Hardware Files
Schematic
Bill of materials (BOM)
PCB layout
PCB Gerber
PCB CAD (PADS 9.0)
Buy Reference Design
Riverside (MAXREFDES8#)
Halo is a registered trademark of Halo Electronics, Inc.
Pmod is a trademark of Digilent Inc.
Related Parts
MAX1659
350mA, 16.5V Input, Low-Dropout Linear Regulators
Free Samples
MAX256
3W Primary-Side Transformer H-Bridge Driver for Isolated
Supplies
Free Samples
MAXREFDES8
Riverside (MAXREFDES8#): 3.3V Input, 12V (15V) Output
Isolated Power Supply
More Information
For Technical Support: http://www.maximintegrated.com/support
For Samples: http://www.maximintegrated.com/samples
Other Questions and Comments: http://www.maximintegrated.com/contact
Application Note 5512: http://www.maximintegrated.com/an5512
REFERENCE DESIGN 5512, AN5512, AN 5512, APP5512, Appnote5512, Appnote 5512
© 2013 Maxim Integrated Products, Inc.
Page 4 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com