Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1630A Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1630A
Description  Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1630A Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1630A Datasheet HTML 1Page - Maxim Integrated Products MAX1630A Datasheet HTML 2Page - Maxim Integrated Products MAX1630A Datasheet HTML 3Page - Maxim Integrated Products MAX1630A Datasheet HTML 4Page - Maxim Integrated Products MAX1630A Datasheet HTML 5Page - Maxim Integrated Products MAX1630A Datasheet HTML 6Page - Maxim Integrated Products MAX1630A Datasheet HTML 7Page - Maxim Integrated Products MAX1630A Datasheet HTML 8Page - Maxim Integrated Products MAX1630A Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
Multi-Output, Low-Noise Power-Supply
Controllers for Notebook Computers
4
_______________________________________________________________________________________
Note 1: Each of the four digital soft-start levels is tested for functionality; the steps are typically in 20mV increments.
Note 2: High duty-factor operation supports low input-to-output differential voltages, and is achieved at a lowered operating
frequency (see Overload and Dropout Operation section).
Note 3: MAX1630A/MAX1632A/MAX1633A/MAX1635A only.
Note 4: Off mode for the 12V linear regulator occurs when the SMPS that has flyback feedback (VDD) steered to it is disabled. In
situations where the main outputs are being held up by external keep-alive supplies, turning off the 12OUT regulator pre-
vents a leakage path from the output-referred flyback winding, through the rectifier, and into VDD.
Note 5: Since the reference uses VL as its supply, the reference’s V+ line-regulation error is insignificant.
ELECTRICAL CHARACTERISTICS (continued)
(V+ = 15V, both PWMs on, SYNC = VL, VL load = 0mA, REF load = 0mA, SKIP = 0V, TA = TMIN to TMAX, unless otherwise noted.
Typical values are at TA = +25°C.)
Typical hysteresis = +10°C
From each SMPS enabled, with respect to fOSC
°C
150
Clks
5000
6144
7000
With respect to unloaded output voltage
Output Undervoltage Lockout Time
Thermal Shutdown Threshold
With respect to fOSC
Falling edge, CSL_ driven 2%
below RESET trip threshold
Clks
27,000
32,000
37,000
µs
1.5
With respect to unloaded output voltage,
falling edge; typical hysteresis = 1%
RESET Propagation Delay
RESET Delay Time
%
-7
-5.5
-4
CONDITIONS
RESET Trip Threshold
RESET, ISINK = 4mA
RUN/ON3, SKIP, TIME/ON5 (SEQ = REF),
SHDN, STEER, SYNC, SEQ; VPIN = 0V or 3.3V
V
0.4
µA
±1
Input Leakage Current
Logic Output Low Voltage
CSL_ driven 2% above overvoltage trip threshold
µs
FB3, FB5; SECFB = 2.6V
1.5
Overvoltage-Fault Propagation Delay
nA
150
With respect to unloaded output voltage
%
60
70
80
Feedback Input Leakage Current
Output Undervoltage Threshold
%
47
10
Overvoltage Trip Threshold
RUN/ON3, SKIP, TIME/ON5 (SEQ = REF),
SHDN, STEER, SYNC
RUN/ON3, SKIP, TIME/ON5 (SEQ = REF),
SHDN, STEER, SYNC
V
2.4
V
0.6
Logic Input Low Voltage
Logic Input High Voltage
UNITS
MIN
TYP
MAX
PARAMETER
High or low
DL3, DH3, DL5, DH5; forced to 2V
Ω
1.5
7
A
1
Gate Driver Sink/Source Current
Gate Driver On-Resistance
RESET = 3.5V
mA
1
Logic Output High Current
TIME/ON5 = 0V, SEQ = 0V or VL
SEQ = 0V or VL
µA
2.5
3
3.5
V
2.4
2.6
TIME/ON5 Input Trip Level
TIME/ON5 Source Current
TIME/ON5; RUN/ON3 = 0V, SEQ = 0V or VL
Ω
15
80
TIME/ON5 On-Resistance
FAULT DETECTION (MAX1630A/MAX1631A/MAX1632A)
INPUTS AND OUTPUTS
RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com