Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS5002FP Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # DS5002FP
Description  Secure Microprocessor Chip
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS5002FP Datasheet(HTML) 4 Page - Maxim Integrated Products

  DS5002FP Datasheet HTML 1Page - Maxim Integrated Products DS5002FP Datasheet HTML 2Page - Maxim Integrated Products DS5002FP Datasheet HTML 3Page - Maxim Integrated Products DS5002FP Datasheet HTML 4Page - Maxim Integrated Products DS5002FP Datasheet HTML 5Page - Maxim Integrated Products DS5002FP Datasheet HTML 6Page - Maxim Integrated Products DS5002FP Datasheet HTML 7Page - Maxim Integrated Products DS5002FP Datasheet HTML 8Page - Maxim Integrated Products DS5002FP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
DS5002FP Secure Microprocessor Chip
4 of 25
AC CHARACTERISTICS—EXPANDED BUS MODE TIMING SPECIFICATIONS
(VCC = 5V ±10%, TA = 0°C to +70°C.) (Figure 1 and Figure 2)
#
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNITS
1
Oscillator Frequency
1 / tCLK
1.0
16
MHz
2
ALE Pulse Width
tALPW
2tCLK - 40
ns
3
Address Valid to ALE Low
tAVALL
tCLK - 40
ns
4
Address Hold After ALE Low
tAVAAV
tCLK - 35
ns
14
RD Pulse Width
tRDPW
6tCLK - 100
ns
15
WR Pulse Width
tWRPW
6tCLK - 100
ns
12MHz
5tCLK - 165
16
RD Low to Valid Data In
tRDLDV
16MHz
5tCLK - 105
ns
17
Data Hold after
RD High
tRDHDV
0
ns
18
Data Float after
RD High
tRDHDZ
2tCLK - 70
ns
12MHz
8tCLK - 150
19
ALE Low to Valid Data In
tALLVD
16MHz
8tCLK - 90
ns
12MHz
9tCLK - 165
20
Valid Address to Valid Data In
tAVDV
16MHz
9tCLK - 105
ns
21
ALE Low to
RD or WR Low
tALLRDL
3tCLK - 50
3tCLK + 50
ns
22
Address Valid to
RD or WR
Low
tAVRDL
4tCLK - 130
ns
23
Data Valid to
WR Going Low
tDVWRL
tCLK - 60
ns
12MHz
7tCLK - 150
24
Data Valid to
WR High
tDVWRH
16MHz
7tCLK - 90
ns
25
Data Valid after
WR High
tWRHDV
tCLK-50
ns
26
RD Low to Address Float
tRDLAZ
0
ns
27
RD or WR High to ALE High
tRDHALH
tCLK - 40
tCLK + 50
ns
Figure 1. Expanded Data Memory Read Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com