Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2129S/T&R Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS2129S/T&R
Description  LVD SCSI 27-Line Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2129S/T&R Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS2129S/T&R Datasheet HTML 1Page - Maxim Integrated Products DS2129S/T&R Datasheet HTML 2Page - Maxim Integrated Products DS2129S/T&R Datasheet HTML 3Page - Maxim Integrated Products DS2129S/T&R Datasheet HTML 4Page - Maxim Integrated Products DS2129S/T&R Datasheet HTML 5Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
LVD SCSI 27-Line Regulator
2
_____________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(TERMPWR = 3.3V, TA = 0°C to +70°C, unless otherwise noted.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
TERMPWR, DIFFSENSE, REG1, REG2 ....................-0.3V, +6.0V
REG1, REG2 Continuous Output Current.......................±200mA
Continuous Power Dissipation (TA = +70°C)
16-Pin SO (derate 13mW/
°C above +70°C)........................1W
Operating Temperature Range...............................0°C to +70°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65
°C to +150°C
Soldering Temperature .......................................See IPC/JEDEC
J-STD-020A Specification
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
TERMPWR
TERMPWR Supply Current
ITERM
No load
40
mA
TERMPWR Voltage
VTERM
2.7
5.25
V
VREF REGULATOR
0.75V Regulator Output Voltage,
REG2
V075
IOUT =
±125mA
0.7
0.75
0.8
V
0.75V Regulator Source Current,
REG2
ISRC_075
VOUT = 0.25V
-200
mA
0.75V Regulator Sink Current,
REG2
ISINK_075
VOUT = 1.25V
+200
mA
0.75V Regulator Source Current
Limit
ISRCL_075
VOUT = 0V
-700
mA
0.75V Regulator Sink Current
Limit
ISINKL_075 VOUT = 3.3V
+700
mA
1.75V Regulator Output Voltage,
REG1
V175
IOUT =
±125mA
1.7
1.75
1.8
V
1.75V Regulator Source Current,
REG1
ISRC_175
VOUT = 1.25V
-200
mA
1.75V Regulator Sink Current,
REG1
ISINK_175
VOUT = 2.25V
+200
mA
1.75V Regulator Source Current
Limit
ISRCL_175
VREF = 0V
-700
mA
1.75V Regulator Sink Current
Limit
ISINKL_175 VREF = 3.3V
+700
mA
DIFFSENSE OUTPUT
DIFFSENSE Driver Output
Voltage
VDSO
-5mA
≤ IDIFFSENSE ≤ 50µA
1.2
1.3
1.4
V
DIFFSENSE Driver Source
Current
IDSH
VDIFFSENSE = 0V
-5
-15
mA
DIFFSENSE Driver Sink Current
IDSL
VDIFFSENSE = 2.4V
100
200
µA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com