Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

73S1210F Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # 73S1210F
Description  Self-Contained Smart Card Reader with PINpad and Power Management
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

73S1210F Datasheet(HTML) 4 Page - Maxim Integrated Products

  73S1210F Datasheet HTML 1Page - Maxim Integrated Products 73S1210F Datasheet HTML 2Page - Maxim Integrated Products 73S1210F Datasheet HTML 3Page - Maxim Integrated Products 73S1210F Datasheet HTML 4Page - Maxim Integrated Products 73S1210F Datasheet HTML 5Page - Maxim Integrated Products 73S1210F Datasheet HTML 6Page - Maxim Integrated Products 73S1210F Datasheet HTML 7Page - Maxim Integrated Products 73S1210F Datasheet HTML 8Page - Maxim Integrated Products 73S1210F Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 126 page
background image
73S1210F Data Sheet
DS_1210F_001
4
Rev. 1.4
Figures
Figure 1: IC Functional Block Diagram ......................................................................................................... 7
Figure 2: Memory Map ................................................................................................................................ 15
Figure 3: Clock Generation and Control Circuits ........................................................................................ 22
Figure 4: Oscillator Circuit........................................................................................................................... 24
Figure 5: Detailed Power Management Logic Block Diagram .................................................................... 25
Figure 6: Power Down Control.................................................................................................................... 27
Figure 7: Detail of Power Down Interrupt Logic .......................................................................................... 28
Figure 8: Power Down Sequencing ............................................................................................................ 29
Figure 9: External Interrupt Configuration................................................................................................... 33
Figure 10: I
2C Write Mode Operation.......................................................................................................... 55
Figure 11: I
2C Read Operation ................................................................................................................... 56
Figure 12: Simplified Keypad Block Diagram ............................................................................................. 61
Figure 13: Keypad Interface Flow Chart ..................................................................................................... 63
Figure 14: Smart Card Interface Block Diagram......................................................................................... 69
Figure 15: External Smart Card Interface Block Diagram .......................................................................... 70
Figure 16: Asynchronous Activation Sequence Timing .............................................................................. 73
Figure 17: Deactivation Sequence.............................................................................................................. 73
Figure 18: Smart Card CLK and ETU Generation ...................................................................................... 74
Figure 19: Guard, Block, Wait and ATR Time Definitions .......................................................................... 75
Figure 20: Synchronous Activation ............................................................................................................. 77
Figure 21: Example of Sync Mode Operation: Generating/Reading ATR Signals ..................................... 77
Figure 22: Creation of Synchronous Clock Start/Stop Mode Start Bit in Sync Mode ................................. 78
Figure 23: Creation of Synchronous Clock Start/Stop Mode Stop Bit in Sync Mode ................................. 78
Figure 24: Operation of 9-bit Mode in Sync Mode ...................................................................................... 79
Figure 25: 73S1210F Typical Application Schematic ............................................................................... 104
Figure 26: 12 MHz Oscillator Circuit ......................................................................................................... 112
Figure 27: 32KHz Oscillator Circuit........................................................................................................... 112
Figure 28: Digital I/O Circuit ...................................................................................................................... 113
Figure 29: Digital Output Circuit................................................................................................................ 113
Figure 30: Digital I/O with Pull Up Circuit.................................................................................................. 114
Figure 31: Digital I/O with Pull Down Circuit ............................................................................................. 114
Figure 32: Digital Input Circuit................................................................................................................... 115
Figure 33: OFF_REQ Interface Circuit ..................................................................................................... 115
Figure 34: Keypad Row Circuit ................................................................................................................. 115
Figure 35: Keypad Column Circuit ............................................................................................................ 116
Figure 36: LED Circuit............................................................................................................................... 116
Figure 37: Test and Security Pin Circuit ................................................................................................... 117
Figure 38: Analog Input Circuit ................................................................................................................. 117
Figure 39: Smart Card Output Circuit ....................................................................................................... 117
Figure 40: Smart Card I/O Circuit ............................................................................................................. 118
Figure 41: PRES Input Circuit................................................................................................................... 118
Figure 42: PRESB Input Circuit ................................................................................................................ 118
Figure 43: ON_OFF Input Circuit .............................................................................................................. 119
Figure 44: 73S1210F 68 QFN Pinout ....................................................................................................... 120
Figure 45: 73S1210F 44 QFN Pinout ....................................................................................................... 121
Figure 46: 73S1210F 68 QFN Mechanical Drawing ................................................................................. 122
Figure 47: 73S1210F 44 QFN Package Drawing ..................................................................................... 123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com