Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4928 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4928
Description  1.2 Watt Stereo Fully Differential Audio Amplifier with RF Suppression and Shutdown Low
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4928 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM4928 Datasheet HTML 9Page - National Semiconductor (TI) LM4928 Datasheet HTML 10Page - National Semiconductor (TI) LM4928 Datasheet HTML 11Page - National Semiconductor (TI) LM4928 Datasheet HTML 12Page - National Semiconductor (TI) LM4928 Datasheet HTML 13Page - National Semiconductor (TI) LM4928 Datasheet HTML 14Page - National Semiconductor (TI) LM4928 Datasheet HTML 15Page - National Semiconductor (TI) LM4928 Datasheet HTML 16Page - National Semiconductor (TI) LM4928 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Application Information (Continued)
P
DMAX =(VDD)
2 /(2
π2R
L) Single-Ended
(2)
However, a direct consequence of the increased power de-
livered to the load by a bridge amplifier is an increase in
internal power dissipation versus a single-ended amplifier
operating at the same conditions.
P
DMAX = 4(VDD)
2/(2
π2R
L) Bridge Mode per channel (3)
P
DMAX = 8(VDD)
2/(2
π2R
L) Bridge Mode both channel (4)
Since the LM4928 has bridged outputs, the maximum inter-
nal power dissipation is 4 times that of a single-ended am-
plifier. Even with this substantial increase in power dissipa-
tion, the LM4928 does not require additional heatsinking
under most operating conditions and output loading. From
Equation 3, assuming a 5V power supply and an 8
Ω load,
the maximum power dissipation point is 625mW per chan-
nel. Then multiply by two or use equation 4 to get 1.25W total
power dissipation for both channels. The maximum power
dissipation point obtained from Equation 4 must not be
greater than the power dissipation results from Equation 5:
P
DMAX =(TJMAX -TA)/
θ
JA
(5)
Depending on the ambient temperature, T
A, of the system
surroundings, Equation 5 can be used to find the maximum
internal power dissipation supported by the IC packaging. If
the result of Equation 4 is greater than that of Equation 5,
then either the supply voltage must be decreased, the load
impedance increased, the ambient temperature reduced, or
the
θ
JA reduced with heatsinking. In many cases, larger
traces near the output, V
DD, and GND pins can be used to
lower the
θ
JA. The larger areas of copper provide a form of
heatsinking allowing higher power dissipation. For the typical
application of a 5V power supply, with an 8
Ω load in the LLP
package, the maximum ambient temperature possible with-
out violating the maximum junction temperature is approxi-
mately 85˚C provided that device operation is around the
maximum power dissipation point. Recall that internal power
dissipation is a function of output power. If typical operation
is not around the maximum power dissipation point, the
LM4928 can operate at higher ambient temperatures. Refer
to the Typical Performance Characteristics curves for
power dissipation information.
POWER SUPPLY BYPASSING
As with any power amplifier, proper supply bypassing is
critical for low noise performance and high power supply
rejection ratio (PSRR). The capacitor location on both the
bypass and power supply pins should be as close to the
device as possible. A larger half-supply bypass capacitor
improves PSRR because it increases half-supply stability.
Typical applications employ a 5V regulator with 10µF and
0.1µF bypass capacitors that increase supply stability. This,
however, does not eliminate the need for bypassing the
supply nodes of the LM4928. The LM4928 will operate with-
out the bypass capacitor C
B, although the PSRR may de-
crease. A 1µF capacitor is recommended for C
B. This value
maximizes PSRR performance. Lesser values may be used,
but PSRR decreases at frequencies below 1kHz. The issue
of C
B selection is thus dependant upon desired PSRR and
click and pop performance.
OPTIMIZING RF IMMUNITY
The internal circuitry of the LM4928 suppresses the amount
of RF signal that is coupled into the chip. However, certain
external factors, such as output trace length, output trace
orientation, distance between the chip and the antenna,
antenna strength, speaker type, and type of RF signal, may
affect the RF immunity of the LM4928. In general, the RF
immunity of the LM4928 is application specific. Neverthe-
less, optimal RF immunity can be achieved by using short
output traces and increasing the distance between the
LM4928 and the antenna.
SHUTDOWN FUNCTION
In order to reduce power consumption while not in use, the
LM4928 contains shutdown circuitry that is used to turn off
the amplifier’s bias circuitry. The device may then be placed
into shutdown mode by toggling the Shutdown Select pin to
logic low. The trigger point for shutdown is shown as a typical
value in the Supply Current vs Shutdown Voltage graphs in
the Typical Performance Characteristics section. It is best
to switch between ground and supply for maximum perfor-
mance. While the device may be disabled with shutdown
voltages in between ground and supply, the idle current may
be greater than the typical value of 0.1µA. In either case, the
shutdown pin should be tied to a definite voltage to avoid
unwanted state changes.
In many applications, a microcontroller or microprocessor
output is used to control the shutdown circuitry, which pro-
vides a quick, smooth transition to shutdown. Another solu-
tion is to use a single-throw switch in conjunction with an
external pull-up resistor. This scheme guarantees that the
shutdown pin will not float, thus preventing unwanted state
changes.
PROPER SELECTION OF EXTERNAL COMPONENTS
Proper selection of external components in applications us-
ing integrated power amplifiers is critical when optimizing
device and system performance. Although the LM4928 is
tolerant to a variety of external component combinations,
consideration of component values must be made when
maximizing overall system quality.
The LM4928 is unity-gain stable, giving the designer maxi-
mum system flexibility. The LM4928 should be used in low
closed-loop gain configurations to minimize THD+N values
and maximize signal to noise ratio. Low gain configurations
require large input signals to obtain a given output power.
Input signals equal to or greater than 1Vrms are available
from sources such as audio codecs. Please refer to the
Audio Power Amplifier Design section for a more complete
explanation of proper gain selection. When used in its typical
application as a fully differential power amplifier the LM4928
does not require input coupling capacitors for input sources
with DC common-mode voltages of less than V
DD. Exact
allowable input common-mode voltage levels are actually a
function of V
DD,Ri, and Rf and may be determined by
Equation 6:
V
CMi < (VDD-1.2)(Ri+Rf)/Rf-VDD/2(Ri/Rf)
(6)
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com