Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P0060SA Datasheet(PDF) 5 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # P0060SA
Description  Thyristor Surge Suppressors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

P0060SA Datasheet(HTML) 5 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  P0060SA Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd P0060SA Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd P0060SA Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd P0060SA Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd P0060SA Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd P0060SA Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd P0060SA Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd P0060SA Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd P0060SA Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Thyristor Surge Suppressors
P0060~P3500SA_B_C Series
Figure 3.T est circuit 1 for Dynamic IBO and VBO parameters
Figure 4. Test circuit 2 for I BO and VBO parameters
100V/µ s, di/dt< 10 A/ µs, Ipp= XXXA
1k V/ µs, di/dt< 10 A/ µs, Ipp= 10 A
U
U
10 µF
2
45
66
470
83
0.36 nF
46 µH
60 µF
26 µH
12
250
46 µH
47
KeyTek 'System 2' generatorw ithP N246I module
KeyTek 'System 2' generatorw ithP N246I module
220V 50Hz
1/4
R1 = 140
R2 = 240
K
ton = 20ms
IBO
measurement
VBO
measurement
Vout
DUT
TEST PROCEDURE
Pulse test duration (tp = 20ms):
V
selection:
for Bidirectional devices = Switch K is closed
for Unidirectional devices = Switch K is open
Device with V<
200VV
= 250V
, R1 = 140
OUT
BO
OUTR
MS
Device with V
200VV
= 480V
, R2 = 240
BO
OUTR
MS
Rev :
www.leiditech.com
01.06.2018
5/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com