Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P0300SD Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # P0300SD
Description  Thyristors Surge Protection Device
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

P0300SD Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  P0300SD Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd P0300SD Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd P0300SD Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd P0300SD Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Symbol
Parameter
VDRM
Peak off-state voltage
IDRM
Off-state current
VS
Switching voltage
IS
Switching current
VT
On-state voltage
IT
On-state current
IH
Holding current
CO
Off-state capacitance
Absolute Maximum Ratings (TA=25ºC, RH=45%-75%, unless otherwise noted)
Parameter
Symbol
Value
Unit
Storage temperature range
Tstg
-60 to +150
℃
Operating junction temperature range
Tj
-40 to +150
℃
Repetitive peak pulse current(10/700uS)
IPP
8000
V
Electrical Parameters & V-I Curve
Electrical Characteristics (TA=25℃)
Part Number
IDRM@VDRM
①
VS @IS
VT@ IT
IH
②
CO
μA
V
V
mA
V
A
mA
pF
max PIN1-2
PIN2-1
max
max
max
max
min
max
P0300SD
5
25
40
800
4
2.2
50
100
P0300SD
Rev 2.0 :
www.leiditech.com
12.01.2019
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com