Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P0640SA Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # P0640SA
Description  Thyristor Surge Suppressors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

P0640SA Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  P0640SA Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd P0640SA Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd P0640SA Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd P0640SA Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd P0640SA Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd P0640SA Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd P0640SA Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd P0640SA Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd P0640SA Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Thyristor Surge Suppressors
P0060~P3500SA_B_C Series
Part Number
VDRM@
IDRM=5µA
VS@
100V/µS
VT@
IT=2.2Amps
IS
IT
IH
Capacitance
@1MHz, 2V bias
V min
V max
V max
mA max
A max
mA min
pF min
pF max
P0060SB
6
15
4
800
2.2
50
25
80
P0080SB
6
25
4
800
2.2
50
25
80
P0220SB
15
32
4
800
2.2
50
25
100
P0300SB
25
40
4
800
2.2
50
15
140
P0640SB
58
77
4
800
2.2
150
40
80
P0720SB
65
88
4
800
2.2
150
35
75
P0900SB
75
98
4
800
2.2
150
35
70
P1100SB
90
130
4
800
2.2
150
30
70
P1300SB
120
160
4
800
2.2
150
25
70
P1500SB
140
180
4
800
2.2
150
25
70
P1800SB
170
220
4
800
2.2
150
25
70
P2300SB
190
260
4
800
2.2
150
20
70
P2600SB
220
300
4
800
2.2
150
25
70
P3100SB
275
350
4
800
2.2
150
20
65
P3500SB
320
400
4
800
2.2
150
20
55
Electrical Characteristics
Part Number
VDRM@
IDRM=5µA
VS@
100V/µS
VT@
IT=2.2Amps
IS
IT
IH
Capacitance
@1MHz, 2V bias
V min
V max
V max
mA max
A max
mA min
pF min
pF max
P0060SC
6
15
4
800
2.2
50
45
100
P0080SC
6
25
4
800
2.2
50
45
100
P0220SC
15
32
4
800
2.2
50
30
110
P0300SC
25
40
4
800
2.2
50
25
80
P0640SC
58
77
4
800
2.2
150
55
155
P0720SC
65
88
4
800
2.2
150
50
150
P0900SC
75
98
4
800
2.2
150
45
140
P1100SC
90
130
4
800
2.2
150
45
115
P1300SC
120
160
4
800
2.2
150
40
115
P1500SC
140
180
4
800
2.2
150
35
110
P1800SC
170
220
4
800
2.2
150
35
110
P2300SC
190
260
4
800
2.2
150
30
120
P2600SC
220
300
4
800
2.2
150
30
120
P3100SC
275
350
4
800
2.2
150
30
110
P3500SC
320
400
4
800
2.2
150
25
110
Rev :
www.leiditech.com
01.06.2018
2/10
P2000SC
180
220
4
800
2.2
150
35
120



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com