Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P3500SA Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # P3500SA
Description  Thyristor Surge Suppressors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

P3500SA Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  P3500SA Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd P3500SA Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd P3500SA Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd P3500SA Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd P3500SA Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd P3500SA Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd P3500SA Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd P3500SA Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd P3500SA Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
P0060~P3500SA_B_C Series are low capacitance devices
designed to protect broadband equipment such as VOIP, DSL
modems and DSLAMs from damaging overvoltage transients.
The series provides a surface mount solution that enables
equipment to comply with global regulatory standards while
limiting the impact to broadband signals.
P0060~P3500SA_B_C Series
Thyristor Surge Suppressors
• Low voltagr overeshoot
• Low on-state voltage
• Does not degrade with use
• Fails short circuit when surged in excess of ratings
• Low Capacitance
Description
Features and Benefits
Electrical Characteristics
Part Number
VDRM@
IDRM=5µA
VS@
100V/µS
VT@
IT=2.2Amps
IS
IT
IH
Capacitance
@1MHz, 2V bias
V min
V max
V max
mA max
A max
mA min
pF min
pF max
P0060SA
6
25
4
800
2.2
50
25
150
P0080SA
6
25
4
800
2.2
50
25
150
P0220SA
15
32
4
800
2.2
50
25
150
P0300SA
25
40
4
800
2.2
50
15
140
P0640SA
58
77
4
800
2.2
150
40
60
P0720SA
65
88
4
800
2.2
150
35
60
P0900SA
75
98
4
800
2.2
150
25
55
P1100SA
90
130
4
800
2.2
150
30
50
P1300SA
120
160
4
800
2.2
150
25
45
P1500SA
140
180
4
800
2.2
150
25
45
P1800SA
170
220
4
800
2.2
150
25
50
P2300SA
190
260
4
800
2.2
150
30
50
P2600SA
220
300
4
800
2.2
150
25
50
P3100SA
275
350
4
800
2.2
150
20
45
P3500SA
320
400
4
800
2.2
150
20
45
Applicable Global Standards
• TIA-968-A
• ITU K.20/21 Enhanced level*
• ITU K.20/21 Basic Level
• GR 1089 Inter building*
• GR 1089 Inter building
• IEC 6100-4-5
• YD/T 1082
• YD/T 993
• YD/T 950
Rev :
www.leiditech.com
01.06.2018
1/10


Similar Part No. - P3500SA

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
P3500SA TECCOR-P3500SA Datasheet
423Kb / 2P
SIDACtor Device
logo
Littelfuse
P3500SA LITTELFUSE-P3500SA Datasheet
97Kb / 1P
DO-214AA Package Symbolization
logo
HuaXinAn Electronics CO...
P3500SA HUAXINAN-P3500SA Datasheet
375Kb / 7P
SIDACtor Protection Thyristors
logo
Socay Electornics Co., ...
P3500SA SOCAY-P3500SA Datasheet
355Kb / 5P
Thyristor Surge Suppressors (TSS)
logo
StarHope
P3500SA SPSEMI-P3500SA Datasheet
777Kb / 3P
P thyristor for circuit protection
More results

Similar Description - P3500SA

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
TB0640H SUNMATE-TB0640H Datasheet
964Kb / 3P
THYRISTOR SURGE SUPPRESSORS
TB0640L SUNMATE-TB0640L Datasheet
1Mb / 3P
THYRISTOR SURGE SUPPRESSORS
TB0640M SUNMATE-TB0640M Datasheet
1Mb / 3P
THYRISTOR SURGE SUPPRESSORS
logo
Shanghai Leiditech Elec...
SE2312 LEIDITECH-SE2312 Datasheet
567Kb / 9P
Thyristor Surge Suppressors
SE8205A LEIDITECH-SE8205A Datasheet
567Kb / 9P
Thyristor Surge Suppressors
SE9926 LEIDITECH-SE9926 Datasheet
567Kb / 9P
Thyristor Surge Suppressors
logo
Shenzhen Luguang Electr...
P0080SA LUGUANG-P0080SA Datasheet
1Mb / 6P
Thyristor Surge Suppressors
logo
Shanghai Yint Electroni...
PXXXL YINT-PXXXL Datasheet
576Kb / 4P
Thyristor Surge Suppressors
logo
Shanghai Leiditech Elec...
P0060SC2 LEIDITECH-P0060SC2 Datasheet
392Kb / 4P
Thyristor Surge Suppressors
P0300-C2 LEIDITECH-P0300-C2 Datasheet
1Mb / 4P
Thyristor Surge Suppressors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com