Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1602 Datasheet(PDF) 2 Page - Anachip Corp

Part # AP1602
Description  Step-Up DC/DC Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1602 Datasheet(HTML) 2 Page - Anachip Corp

  AP1602 Datasheet HTML 1Page - Anachip Corp AP1602 Datasheet HTML 2Page - Anachip Corp AP1602 Datasheet HTML 3Page - Anachip Corp AP1602 Datasheet HTML 4Page - Anachip Corp AP1602 Datasheet HTML 5Page - Anachip Corp AP1602 Datasheet HTML 6Page - Anachip Corp AP1602 Datasheet HTML 7Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AP1602
Step-Up DC/DC Converter
Anachip Corp.
www.anachip.com.tw
Rev.0.1 Apr. 14, 2004
2/7
Block Diagram
S
Q
R
F/F
TRIG
One-Shot
Q
One-Shot
Q
TRIG
Maximum
On-Time
One-Shot
Error
Amplifier
Current-Limit
Amplifier
Zero
Crossing
Amplifier
Minimum
Off-Time
One-Shot
OUT
LX
GND
FB
REF
0.1uF
22uH
0.1uF
47uF
47uF
SHDN
P
N
V
IN
EN
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VCC
Supply Voltage (OUT to GND)
-0.3 to 5.5
V
VREF
REF to GND
-0.3 to VOUT+0.3
V
VSW
Switch Voltage (LX to GND)
-0.3 to VOUT+0.3
V
IOUT
Output Current (OUT)
-0.8 to 0.8
A
ISW
Switch Current (LX)
-0.8 to 0.8
A
TST
Storage Temperature Range
-65 to +150
oC
TOT
Operation Temperature Range
-40 to +80
oC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com