Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSS23 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # FSS23
Description  2 Amp. Surface Mounted Schottky Barrier Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FSS23 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  FSS23 Datasheet HTML 1Page - List of Unclassifed Manufacturers FSS23 Datasheet HTML 2Page - List of Unclassifed Manufacturers FSS23 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
VF, instantaneous forward voltage (V)
0 0.2
1.2 1.4 1.6
0
25
50
75 100 125
175
150
TL, lead temperature (ºC)
10
100
MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE CURRENT
TYPICAL JUNCTION CAPACITANCE
VR, reverse voltage (V)
1
10
100
Number of cycles at 60 Hz.
TYPICAL FORWARD CHARACTERISTIC
FORWARD CURRENT DERATING CURVE
50
1
FSS2
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
10
0.1
0.01
50
40
30
20
10
0
500
1
0.1
0.4 0.6 0.8 1.0
100
10
Tj = 25 ºC
f = 1.0 MHz
Vsig = 50mVp-p
PULSE WIDTH = 300
µs
1% DUTY CYCLE
Tj = 25 °C
FSS22 - FSS24
FSS25 & FSS26
FSS22 - FSS24
FSS25 & FSS26
RESISTIVE OR
INDUCTIVE LOAD
P.C.B. MOUNTED ON 0.2 x 0.2"
(5.0 x 5.0 mm) COPPER PAD AREAS
FSS22 - FSS24
FSS25 & FSS26
Sep - 03



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com