Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSS32 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FSS32
Description  3 Amp. Surface Mounted Schottky Barrier Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FSS32 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FSS32 Datasheet HTML 1Page - List of Unclassifed Manufacturers FSS32 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FSS32 .... FSS36
3 Amp. Surface Mounted Schottky Barrier Rectifier
• Metal Silicon Junction, majority carrier conduction
• High current capability, low forward voltage drop
• Guardring for overvoltage protection
• Low power loss, high efficiency
• High surge capability
• Plastic material carries U/L recognition 94V-O
• Low profile package
• Easy pick and place
Dimensions in mm.
Maximum Ratings, according to IEC publication No. 134
Electrical Characteristics at Tamb = 25 °C
V
F
Max. forward voltage drop at I
F = 3.0 A
I
R
0.5 mA
0.55 V
Max. Instantaneous reverse
current at V
RRM
R
thj-a
R
thj-l
Typical Thermal Resistance
55 °C/W
17 °C/W
Voltage
20 V to 60 V
Current
3.0 A
Ta = 25 ºC
Ta = 100 ºC
0.75 V
20 mA
10 mA
NOTE: Thermal Resistance from junction to lead or to ambient PCB mounted with 14x14 mm copper pads areas.
CASE:
SMC/DO-214AB
(Plastic)
Peak recurrent reverse voltage (V)
Maximum RMS voltage (V)
Maximum DC blocking voltage (V)
Maximum average Forward current.
V
RRM
VRMS
VDC
I
F (AV)
T
j
T
stg
Operating temperature range
Storage temperature range
– 65 to + 150 °C
I
FSM
8.3 ms. peak forward surge current
FSS32
C1
20
(Jedec Method)
14
20
3 A
100 A
21
30
28
40
35
50
42
60
– 65 to + 125 °C
– 65 to + 150 °C
Marking Code
FSS33
C2
30
FSS34
C3
40
FSS35
C4
50
FSS36
C5
60
Sep - 03
2.8
7.2
Standard soldering pad
1.25 ± 0.25
7.8 ± 0.3
1.25 ± 0.25
Week code
Year code
Type No. Closs
(1)
(1)
(1)
Pulse test: 300µs pulse width, 1% duty cycle.


Similar Part No. - FSS32

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FSS SCHURTER-FSS Datasheet
532Kb / 3P
AC Filter 2-Stage, Very High Symmetrical Attenuation
FSS SCHURTER-FSS Datasheet
444Kb / 4P
AC Filter 2-Stage, Very High Symmetrical Attenuationl
logo
Heyco.
FSS HEYCO-FSS Datasheet
132Kb / 1P
Break-Away Bumpers
logo
Festo Corporation.
FSS-12-C FESTO-FSS-12-C Datasheet
76Kb / 1P
Quickstepper
logo
Honeywell Solid State E...
FSS-SMT HONEYWELL-FSS-SMT Datasheet
213Kb / 6P
Low Profile Force Sensor
More results

Similar Description - FSS32

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
1N5820 FUJI-1N5820 Datasheet
809Kb / 1P
3 AMP SCHOTTKY BARRIER RECTIFIER
B320 FUJI-B320 Datasheet
665Kb / 1P
3 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Micro Commercial Compon...
MBRD320L MCC-MBRD320L Datasheet
128Kb / 2P
3 Amp Schottky Barrier Rectifier 20
logo
List of Unclassifed Man...
FRS3A ETC-FRS3A Datasheet
49Kb / 2P
3 Amp. Surface Mounted Glass Passivated Fast Recovery Rectifier
FSS12 ETC-FSS12 Datasheet
43Kb / 2P
1 Amp. Surface Mounted Schottky Barrier Rectifier
FES3A ETC-FES3A Datasheet
50Kb / 2P
3 Amp. Surface Mounted Glass Passivated Ultrafast Recovery Rectifier
FSS22 ETC1-FSS22 Datasheet
48Kb / 3P
2 Amp. Surface Mounted Schottky Barrier Rectifier
FS3A ETC1-FS3A Datasheet
50Kb / 2P
3 Amp. Surface Mounted Glass Passivated Rectifier
logo
Shanghai Leiditech Elec...
DSK23L LEIDITECH-DSK23L Datasheet
490Kb / 2P
Surface Mounted Schottky Barrier Rectifiers
DSS24 LEIDITECH-DSS24 Datasheet
621Kb / 2P
Surface Mounted Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com