Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17428 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX17428
Description  PLASTIC ENCAPSULATED DEVICES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17428 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX17428 Datasheet HTML 1Page - Maxim Integrated Products MAX17428 Datasheet HTML 2Page - Maxim Integrated Products MAX17428 Datasheet HTML 3Page - Maxim Integrated Products MAX17428 Datasheet HTML 4Page - Maxim Integrated Products MAX17428 Datasheet HTML 5Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
V. Quality Assurance Information
A. Quality Assurance Contacts:
Ken Wendel (Director, Reliability Engineering)
Bryan Preeshl (Managing Director of QA)
B. Outgoing Inspection Level:
0.1% for all electrical parameters guaranteed by the Datasheet.
0.1% For all Visual Defects.
C. Observed Outgoing Defect Rate:
< 50 ppm
D. Sampling Plan:
Mil-Std-105D
VI. Reliability Evaluation
A. Accelerated Life Test
MAX17428GTJ+
The results of the 135°C biased (static) life test are pending. Using these results, the Failure Rate ( ) is calculated as follows:
=
1
=
1.83
(Chi square value for MTTF upper limit)
MTTF
192 x 4340 x 96 x 2
(where 4340 = Temperature Acceleration factor assuming an activation energy of 0.8eV)
= 11.2 x 10
-9
= 11.2 F.I.T. (60% confidence level @ 25°C)
The following failure rate represents data collected from Maxim’s reliability monitor program. Maxim performs quarterly
1000 hour life test monitors on its processes. This data is published in the Product Reliability Report found at http://www.maxim-
ic.com/. Current monitor data for the S4 Process results in a FIT Rate of 4.6 @ 25C and 79.2 @ 55C (0.8 eV, 60% UCL)
B. Moisture Resistance Tests
The industry standard 85°C/85%RH or HAST testing is monitored per device process once a quarter.
C. E.S.D. and Latch-Up Testing
The PE11-2 die type has been found to have all pins able to withstand a HBM transient pulse of +/-1000V per
JEDEC JESD22-A114. Latch-Up testing has shown that this device withstands a current of +/-250mA, 1.5x VCCMax
Overvoltage per JESD78.
Maxim Integrated Products. All rights reserved.
Page 4/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com