Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRK.430 Datasheet(PDF) 3 Page - International Rectifier

Part # IRK.430
Description  SUPER MAGN-A-pak-TM Power Modules
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRK.430 Datasheet(HTML) 3 Page - International Rectifier

  IRK.430 Datasheet HTML 1Page - International Rectifier IRK.430 Datasheet HTML 2Page - International Rectifier IRK.430 Datasheet HTML 3Page - International Rectifier IRK.430 Datasheet HTML 4Page - International Rectifier IRK.430 Datasheet HTML 5Page - International Rectifier IRK.430 Datasheet HTML 6Page - International Rectifier IRK.430 Datasheet HTML 7Page - International Rectifier IRK.430 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
IRK.430.. Series
3
Bulletin I27400 rev. A 09/97
www.irf.com
T
J
Max. junction operating temperature range
- 40 to 130
°C
Tstg
Max. storage temperature range
- 40 to 150
R
thJC
Max. thermal resistance, junction to
0.065
K/W
Per junction, DC operation
case
RthC-hs Max. thermal resistance, case to
0.02
K/W
heatsink
T
Mounting torque ± 10% SMAP to heatsink
6 - 8
Nm
busbar to SMAP
12 - 15
wt
Approximate weight
1500
g
Case style
SUPER MAGN-A-pak
See outline table
dv/dt
Maximum critical rate of rise of off-state
1000
V/µs
T
J = 130°C., linear to VD = 80% VDRM
voltage
V
INS
RMS isolation voltage
3000
V
t = 1 s
I
RRM
Maximum peak reverse and off-state
100
mA
T
J
= T
J
max., rated V
DRM
/V
RRM
applied
I
DRM
leakage current
Parameter
IRK.430..
Units Conditions
Blocking
Parameter
IRK.430..
Units Conditions
Triggering
P
GM
Maximum peak gate power
10
W
T
J = TJ max., tp < 5ms
P
G(AV)
Maximum peak average gate power
2.0
W
T
J = TJ max., f = 50Hz, d% = 50
+ I
GM
Maximum peak positive gate current
3.0
A
T
J
= T
J
max., tp < 5ms
+ V
GM
Maximum peak positive gate voltage
20
V
- V
GM
Maximum peak negative gate voltage
5.0
V
I
GT
Max. DC gate current required to trigger
200
mA
T
J
= 25°C
V
ak
12V
V
GT
DC gate voltage required to trigger
3.0
V
T
J
= 25°C
V
ak
12V
I
GD
DC gate current not to trigger
10
mA
T
J
= T
J
max.
V
GD
DC gate voltage not to trigger
0.25
V
Parameter
IRK.430..
Units Conditions
Thermal and Mechanical Specifications
A mounting compound is recommended and the
torque should be rechecked after a period of 3 hours
to allow for the spread of the compound



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com