Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4752 Datasheet(PDF) 1 Page - Schurter Inc.

Part # 4752
Description  Strip Block for Snap-in Mounting with 4 IEC Appliance Outlets F
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

4752 Datasheet(HTML) 1 Page - Schurter Inc.

  4752_21 Datasheet HTML 1Page - Schurter Inc. 4752_21 Datasheet HTML 2Page - Schurter Inc. 4752_21 Datasheet HTML 3Page - Schurter Inc. 4752_21 Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Distribution Units
4752
https://www.schurter.com /PG07_1
Connectors
Strip Block for Snap-in Mounting with 4 IEC Appliance Outlets F
Snap-in version
See below:
Approvals and Compliances
F
70° C
Description
- Panel mount :
Snap-in version front side
- 1 Function :
Module of 4 outlets , Pin temperature 70 °C , Protection class I
- Solder / Quick Connect
Characteristics
- Busbar is of single piece (no soldering)
- Insulation cover on the rear-side
- Suitable for use in equipment according to IEC/UL 62368-1
Weblinks
pdf data sheet, html datasheet, General Product Information, Approvals,
Distributor-Stock-Check, Accessories, Detailed request for product
Technical Data
Ratings IEC
10 A / 250 VAC; 50 Hz
Ratings UL/CSA
15 A / 250 VAC; 60 Hz
Dielectric Strength
> 2 kVAC between L-N
> 2 kVAC between L/N-PE
(1 min/50 Hz)
Allowable Operation Tempe-
rature
-25 °C to 70 °C
IP-Protection
front side IP30 acc. to IEC 60529
Protection against electric
shock
Suitable for appliances with protection
class I acc. to IEC 61140
Terminal
Solder / Quick Connect
Panel Thickness S
Snap-in1/1.2/1.5/2/2.5/3 mm
tolerance +/- 0.1
Material: Housing
Thermoplastic, black, UL 94V-0
Appliance inlet/-outlet
F acc. to IEC 60320-3
UL 60320-1 CSA C22.2 no. 60320-1
(for cold conditions) pin-temperature 70
°C, 10 A, Protection Class I
Approvals and Compliances
Detailed information on product approvals, code requirements, usage instructions and detailed test conditions can be looked up in Details about
Approvals
SCHURTER products are designed for use in industrial environments. They have approvals from independent testing bodies according to national
and international standards. Products with specific characteristics and requirements such as required in the automotive sector according to IATF
16949, medical technology according to ISO 13485 or in the aerospace industry can be offered exclusively with customer-specific, individual agree-
ments by SCHURTER.
Approvals
The approval mark is used by the testing authorities to certify compliance with the safety requirements placed on electronic products.
Approval Reference Type:
Approval Logo
Certificates
Certification Body
Description
VDE Approvals
VDE
Certificate Number: 40030337
UL Approvals
UL
UL File Number: E103791
CCC Approvals
CCC
CCC Certificate Number: 2021180204021184


Similar Part No. - 4752_21

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4752.4000 SCHURTER-4752.4000 Datasheet
308Kb / 4P
Strip Block for Snap-in Mounting with 4 IEC Appliance Outlets F
05.01.2022
4752.4200 SCHURTER-4752.4200 Datasheet
308Kb / 4P
Strip Block for Snap-in Mounting with 4 IEC Appliance Outlets F
05.01.2022
4752.5000 SCHURTER-4752.5000 Datasheet
308Kb / 4P
Strip Block for Snap-in Mounting with 4 IEC Appliance Outlets F
05.01.2022
4752.5200 SCHURTER-4752.5200 Datasheet
308Kb / 4P
Strip Block for Snap-in Mounting with 4 IEC Appliance Outlets F
05.01.2022
4752.6200 SCHURTER-4752.6200 Datasheet
308Kb / 4P
Strip Block for Snap-in Mounting with 4 IEC Appliance Outlets F
05.01.2022
More results

Similar Description - 4752_21

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0909 SCHURTER-0909 Datasheet
388Kb / 2P
Strip Block for Snap-in Mounting with up to 7 IEC Appliance Outlets F
4752 SCHURTER-4752 Datasheet
377Kb / 3P
Strip Block for Snap-in Mounting with 4 IEC Appliance Outlets F
0909 SCHURTER-0909_18 Datasheet
279Kb / 3P
Strip Block for Snap-in Mounting with up to 7 IEC Appliance Outlets F
4752 SCHURTER-4752_18 Datasheet
293Kb / 4P
Strip Block for Snap-in Mounting with 4 IEC Appliance Outlets F
0909_1807 SCHURTER-0909_1807 Datasheet
298Kb / 3P
Strip Block for Snap-in Mounting with up to 7 IEC Appliance Outlets F
0909 SCHURTER-0909_21 Datasheet
288Kb / 3P
Strip Block for Snap-in Mounting with up to 7 IEC Appliance Outlets F
4751 SCHURTER-4751 Datasheet
450Kb / 4P
Strip Block for Snap-in Mounting with up to 6 IEC Appliance Outlets F
4752 SCHURTER-4752_V01 Datasheet
308Kb / 4P
Strip Block for Snap-in Mounting with 4 IEC Appliance Outlets F
05.01.2022
4751 SCHURTER-4751_V01 Datasheet
450Kb / 4P
Strip Block for Snap-in Mounting with up to 6 IEC Appliance Outlets F
05.01.2022
0909 SCHURTER-0909_V02 Datasheet
288Kb / 3P
Strip Block for Snap-in Mounting with up to 7 IEC Appliance Outlets F
05.01.2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com