Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZB4FD2 Datasheet(PDF) 1 Page - Schneider Electric

Part # ZB4FD2
Description  Harmony XB4, Flush mounted selector switch head, metal, black, 횠30, 2 positions, stay put
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

ZB4FD2 Datasheet(HTML) 1 Page - Schneider Electric

  ZB4FD2 Datasheet HTML 1Page - Schneider Electric ZB4FD2 Datasheet HTML 2Page - Schneider Electric ZB4FD2 Datasheet HTML 3Page - Schneider Electric ZB4FD2 Datasheet HTML 4Page - Schneider Electric ZB4FD2 Datasheet HTML 5Page - Schneider Electric ZB4FD2 Datasheet HTML 6Page - Schneider Electric ZB4FD2 Datasheet HTML 7Page - Schneider Electric ZB4FD2 Datasheet HTML 8Page - Schneider Electric ZB4FD2 Datasheet HTML 9Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Product data sheet
Specifications
Harmony XB4, Flush mounted
selector switch head, metal, black,
Ø30, 2 positions, stay put
ZB4FD2
Product availability : Non-Stock - Not normally stocked in
distribution facility
Price* : 24.30 USD
Main
Range of product
Harmony XB4
Product or Component Type
Head for selector switch
Device short name
ZB4F
Bezel material
Chromium plated metal
Mounting diameter
1.20 in (30.5 mm)
Head type
Built-in-flush
Sale per indivisible quantity
1
Shape of signaling unit head
Round
Type of operator
stay put
Operator profile
Black standard handle
Operator position information
2 positions 90°
Complementary
CAD overall width
1.44 in (36.6 mm)
CAD overall height
1.44 in (36.6 mm)
CAD overall depth
1.85 in (47 mm)
Product Weight
0.17 lb(US) (0.078 kg)
Resistance to high pressure
washer
1015.26 psi (7000000 Pa) 131 °F (55 °C) 0.1 m
Mechanical durability
1000000 cycles
Electrical composition code
C3 6 single front mounting
C4 6 single and double front mounting
C5 5 single front mounting
C6 5 single and double front mounting
C7 4 single front mounting
C8 4 single and double front mounting
C11 3 single front mounting
C15 1 single front mounting
Device presentation
Basic element
Environment
Protective treatment
TH
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
Oct 13, 2021
1


Similar Part No. - ZB4FD2

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
ZB4FD201 SCHNEIDER-ZB4FD201 Datasheet
185Kb / 15P
Head for selector switch, Harmony XB4, flush mounted white 2 position stay put
Oct 13, 2021
ZB4FD203 SCHNEIDER-ZB4FD203 Datasheet
196Kb / 15P
Head for selector switch, Harmony XB4, flush mounted green 2 position put
Oct 13, 2021
ZB4FD204 SCHNEIDER-ZB4FD204 Datasheet
198Kb / 15P
Head for selector switch, Harmony XB4, flush mounted red 2 position stay put
Oct 13, 2021
ZB4FD206 SCHNEIDER-ZB4FD206 Datasheet
197Kb / 15P
Head for selector switch, Harmony XB4, flush mounted blue 2 position stay put
Oct 18, 2021
ZB4FD29 SCHNEIDER-ZB4FD29 Datasheet
187Kb / 15P
Head for selector switch, Harmony XB4, flush mounted black knurled knob 2 position stay put
Oct 18, 2021
More results

Similar Description - ZB4FD2

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XB4FD21 SCHNEIDER-XB4FD21 Datasheet
149Kb / 5P
Harmony XB4, Selector switch flush mounted, metal, black, 횠30, 2 positions, stay put, 1 NO
Sep 29, 2021
XB4FD25 SCHNEIDER-XB4FD25 Datasheet
150Kb / 5P
Harmony XB4, Selector switch flush mounted, metal, black, 횠30, 2 positions, stay put, 1NO 1 NC
Sep 29, 2021
XB4FD33 SCHNEIDER-XB4FD33 Datasheet
148Kb / 5P
Harmony XB4, Selector switch flush mounted, metal, black, 횠30, 3 positions, stay put, 2 NO
Sep 29, 2021
XB4FG21 SCHNEIDER-XB4FG21 Datasheet
152Kb / 5P
Harmony XB4, Key switch selector flush mounted, metal, black, 횠30, key n째455, 2 positions, stay put, 1 NO
Sep 29, 2021
XB4FG33 SCHNEIDER-XB4FG33 Datasheet
133Kb / 5P
Harmony XB4, Key switch selector flush mounted, metal, black, 횠30, key n째455, 3 positions, stay put, 2 NO
Sep 29, 2021
XB4FJ21 SCHNEIDER-XB4FJ21 Datasheet
149Kb / 5P
Harmony XB4, Selector switch flush mounted, metal, black, 횠30, long handle, 2 positions, stay put, 1 NO
Sep 29, 2021
XB4FJ33 SCHNEIDER-XB4FJ33 Datasheet
148Kb / 5P
Harmony XB4, Selector switch flush mounted, metal, black, 횠30, long handle, 3 positions, stay put, 2 NO
Sep 29, 2021
ZB4BD27 SCHNEIDER-ZB4BD27 Datasheet
382Kb / 17P
Harmony XB4, Selector switch head, black metal, black, 횠22, 2 positions, stay put
Oct 13, 2021
ZB4FD204 SCHNEIDER-ZB4FD204 Datasheet
198Kb / 15P
Head for selector switch, Harmony XB4, flush mounted red 2 position stay put
Oct 13, 2021
ZB4FD206 SCHNEIDER-ZB4FD206 Datasheet
197Kb / 15P
Head for selector switch, Harmony XB4, flush mounted blue 2 position stay put
Oct 18, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com