Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMB15J110C Datasheet(PDF) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SMB15J110C
Description  1500W Transient Voltage Suppressor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

SMB15J110C Datasheet(HTML) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  SMB15J110C Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd SMB15J110C Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd SMB15J110C Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd SMB15J110C Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PACKAGE MECHANICAL DATA
Dimensions
Millimeters
Inches
Ref.
Min.
A
B
C
D
E
F
G
4.05
3.30
1.80
0.76
5.21
0.152
0.051
A
DO-214AA (SMB)
D
E
G
H
2.05
Max.
4.65
3.94
2.20
1.52
5.59
0.203
0.305
2.45
Min.
0.160
0.130
0.071
0.030
0.205
0.002
0.006
0.081
Max.
0.183
0.155
0.086
0.060
0.220
0.008
0.012
0.096
K
J
J
K
6.80
L
2.40
2.60
0.270
0.090
0.100
SMB 15J Series 1500W Transient Voltage Suppressor
00W Transient Voltage Suppressor
Shanghai Leiditech Electronic Co.,Ltd
Email: sale1@leiditech.com
Tel : +86- 021 50828806
Fax : +86- 021 50477059
Rev 2.0 :
www.leiditech.com
12.01.2019
4/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com