Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BIS01F2 Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BIS01F2
Description  Multi-Frequency Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BIS01F2 Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BIS01F2 Datasheet HTML 1Page - Balluff Korea Ltd. BIS01F2 Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Multi-Frequency Processor
BIS V-6108-048-C002-SA3
Order Code: BIS01F2
Internet
www.balluff.com
eCl@ss 9.1: 27-28-04-01
Subject to change without notice: 284883
ETIM 6.0: EC002998
BIS01F2_0.24_2021-10-01
2 / 2
Environmental conditions
Ambient temperature
0 °C...60 °C
Continuous shock load
yes
EN 60068-2-27, Shock
yes
EN 60068-2-32 Free fall
yes
EN 60068-2-6, Vibration
yes
EN 61000-4-3 (1400...2000 MHz)
Severity level 3A
EN 61000-4-3 (2000...2700MHz)
Severity level 2A
EN 61000-4-3, 80...1000 MHz
Severity level 3A
IP rating
IP65, with connector
Functional safety
MTTF (40 °C)
33.1 a
Interface
Interface
Profinet I/O (IRT)
2 port Switch
Material
Housing material
Zinc, Die casting
Mechanical data
Application weight
750.00 g
Dimension
48 x 62 x 172 mm
Remarks
When installing, the technical standards and regulations of the corresponding countries must be observed.
Values are under rated conditions unless otherwise specified.
Current consumption when 4 read/write heads and IO-Link device are connected max. 2 A
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with
no warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.
Connector Drawings
1) View towards connector
2) Female 5-pin/ Function
1) View towards connector
2) Male 5-pin/ Function
1) View towards connector
2) Female 4-pin/ Function
3) Coding D
1) View towards connector
2) Female 5-pin/ Function



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com