Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH344ID Datasheet(PDF) 5 Page - STMicroelectronics

Part # TSH344ID
Description  340MHz Single-Supply Triple Video Buffer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH344ID Datasheet(HTML) 5 Page - STMicroelectronics

  TSH344ID Datasheet HTML 1Page - STMicroelectronics TSH344ID Datasheet HTML 2Page - STMicroelectronics TSH344ID Datasheet HTML 3Page - STMicroelectronics TSH344ID Datasheet HTML 4Page - STMicroelectronics TSH344ID Datasheet HTML 5Page - STMicroelectronics TSH344ID Datasheet HTML 6Page - STMicroelectronics TSH344ID Datasheet HTML 7Page - STMicroelectronics TSH344ID Datasheet HTML 8Page - STMicroelectronics TSH344ID Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
TSH344
Electrical Characteristics
Rev. 2
5/14
Figure 1.
Frequency response
Figure 2.
Gain flatness
Figure 3.
Cross-talk vs. frequency (amp1)
Figure 4.
Cross-talk vs. frequency (amp2)
Figure 5.
Cross-talk vs. frequency (amp3)
Figure 6.
Input noise vs. frequency
1M
10M
100M
1G
-10
-8
-6
-4
-2
0
2
4
6
8
10
Vcc=5V
Load=150
Frequency (Hz)
1M
10M
100M
1G
5,2
5,3
5,4
5,5
5,6
5,7
5,8
5,9
6,0
6,1
6,2
Vcc=5V
Load=150
Frequency (Hz)
1M
10M
100M
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
1/3
1/2
Small Signal
Vcc=5V
Load=150
Frequency (Hz)
1M
10M
100M
-100
-80
-60
-40
-20
0
2/3
2/1
Small Signal
Vcc=5V
Load=150
Frequency (Hz)
1M
10M
100M
-100
-80
-60
-40
-20
0
3/2
3/1
Small Signal
Vcc=5V
Load=150
Frequency (Hz)
10
100
1k
10k
100k
1M
10M
10
100
Vcc=5V
DC input = 1.5V (Battery)
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com