Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICL7622ACPD Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # ICL7622ACPD
Description  Single/Dual/Triple/Quad Operational Amplifiers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

ICL7622ACPD Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button ICL7622ACPD Datasheet HTML 17Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 18Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 19Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 20Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 21Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 22Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 23Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 24Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
Detailed Description
Quiescent Current Selection
The voltage input to the IQ pin of the single and triple
amplifiers selects a quiescent current (IQ) of 10μA,
100μA, or 1000μA. The dual and quad amplifiers have
fixed quiescent current (IQ) settings. Unity-gain band-
width and slew-rate increase with increasing quiescent
current, as does output sink current capability. The output
source current capability is independent of quiescent
current.
The lowest IQ setting that results in sufficient bandwidth
and slew rate should be selected for each specific
application.
The IQ pin of the single and triple amplifiers controls the
quiescent current as follows:
IQ = 10μA
IQ pin to V+
IQ = 100μA
IQ pin between V- + 0.8V and V+ - 0.8V
IQ = 1mA
IQ pin to V
Input Offset Nulling
The input offset can be nulled by connecting a 25kΩ pot
between the OFFSET terminals with the wiper connected
to V+. At quiescent currents of 1mA and 100μA, the null-
ing range provided is adequate for all VOS selections.
However, with higher values of VOS, and an IQ of 10μA,
nulling may not be possible.
Frequency Compensation
All of the ICL7611 and ICL7621 series except the ICL7614
are internally compensated for unity-gain operation. The
ICL7614 is externally compensated by a capacitor con-
nected between COMP and OUT pins, with 39pF being
greater than unity. The compensation capacitor value may
be reduced to increase the bandwidth and slew rate. The
ICL7132 is not compensated and does not have frequen-
cy compensation pins. Use only at gains 20 at IQ of 1mA;
at gains > 10 at IQ of 100μA; at gain > 5 at IQ of 10μA.
Output Loading Considerations
Approximately 70% of the amplifier’s quiescent cur-
rent flows in the output stage. The output swing can
approach the supply rails for output loads of 1MΩ, 100kΩ,
and 10kΩ, using the output stage in a highly linear
Class A mode. Crossover distortion is avoided and the
voltage gain is maximized in this mode. The output
stage, however, can also be operated in Class AB, which
supplies higher output currents (see the Typical Operating
Characteristics). The voltage gain decreases and the
output transfer characteristic is non-linear during the
transition from Class A to Class B operation.
The output stage, with a gain that is directly proportional
to load impedance, approximates a transconductance
amplifier. Approximately the same open-loop gains are
obtained at each of the IQ settings if corresponding loads
of 10kΩ, 100kΩ, and 1MΩ are used.
The maximum output source current is higher than the
maximum sink current, and is independent of IQ.
Like most amplifiers, there are output loads for which the
amplifier stability is not guaranteed. In particular, avoid
capacitive loads greater than 100pF; and while on the
1mA IQ setting, avoid loads less than 5kΩ. Since the
output stage is a transconductance output, very large
(>10μF) capacitive loads will create a dominant pole and
the output will be stable, even with loads that are less
than 5kΩ.
Extended Common-Mode Voltage Range
(ICL7612/ICL7616)
A common-mode voltage range that includes both V+ and
V- is often desirable, especially in single-supply operation.
The ICL7612/ICL7616 extended common-mode range op
amps are designed specifically to meet this need. The
ICL7612 input common-mode voltage range (CMVR)
extends beyond both power-supply rails when operated
with at least 3V total supply and an IQ of 10μA or 100μA.
The ICL7616 CMVR includes the negative supply voltage
(or ground when operated with a single supply) at an IQ
or 10μA or 100μA.
PC Board Layout
Careful PC board layout techniques must be used to take
full advantage of the very low bias current of the ICL7611
family. The inputs should be encircled with a low-imped-
ance trace, or guard, that is at the same potential as the
inputs. In an inverting amplifier, this is normally ground;
in a unity-gain buffer connect the guard to the output. A
convenient way of guarding the 8-pin TO-99 version of
the ICL7611 is to use a 10-pin circle, with the two extra
pads on either side of the input pins to provide space for
a guard ring (see Figure 8). Assembled boards should be
carefully cleaned, and if a high humidity environment is
expected, conformally coated.
ICL761X–ICL764X
Single/Dual/Triple/Quad
Operational Amplifiers
www.maximintegrated.com
Maxim Integrated │ 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com