Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4081 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # 2SC4081
Description  We declare that the material of product compliance with RoHS requirements and Halogen Free.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

2SC4081 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  2SC4081 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd 2SC4081 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd 2SC4081 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2SC4081
TRANSISTOR (NPN)
FEATURES
Excellent hFE linearity
Complements the 2A1576A
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=50μA,IE=0
60
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=1mA,IB=0
50
V
Emitter-base breakdown voltage
V(BR)EBO
IE=50μA,IC=0
7
V
Collector cut-off current
ICBO
VCB=60V,IE=0
0.1
μA
Emitter cut-off current
IEBO
VEB=7V,IC=0
0.1
μA
DC current gain
hFE(1)
VCE=6V,IC=1mA
120
560
Collector-emitter saturation voltage
VCE(sat)
IC=50mA,IB=5mA
0.4
V
Transition frequency
fT
VCE=12V,IC=2mA,f=30MHz
180
MHz
Collector output capacitance
Cob
VCB12V,IE=0,f=1MHz
3.5
pF
CLASSIFICATION OF hFE(1)
Rank
Q
R
S
Range
120-270
180-390
270-560
Marking
BQ
BR
BS
SOT-323
1. BASE
2. EMITTER
3. COLLECTOR
MAXIMUM RATINGS (Ta=25℃ unless otherwise noted)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
60
V
VCEO
Collector-Emitter Voltage
50
V
VEBO
Emitter-Base Voltage
7
V
IC
Collector Current
150
mA
PC
Collector Power Dissipation
200
mW
RΘJA
Thermal Resistance From Junction To Ambient
625
℃/W
TJ,Tstg
Operation Junction and
Storage Temperature Range
-55~+150
℃
Rev 2.0 :
www.leiditech.com
12.01.2019
1/3


Similar Part No. - 2SC4081

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC4081 ROHM-2SC4081 Datasheet
77Kb / 3P
2SC4097 / 2SC1741S
2SC4081 ROHM-2SC4081 Datasheet
89Kb / 4P
General purpose transistor (50V, 0.15A)
2SC4081 ROHM-2SC4081 Datasheet
120Kb / 4P
General purpose transistor(50V, 0.15A)
logo
Guangdong Kexin Industr...
2SC4081 KEXIN-2SC4081 Datasheet
46Kb / 1P
General Purpose Transistor
logo
Weitron Technology
2SC4081 WEITRON-2SC4081 Datasheet
713Kb / 3P
General Purpose Transistor NPN Silicon
More results

Similar Description - 2SC4081

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L2SA1774QT1G LRC-L2SA1774QT1G_15 Datasheet
262Kb / 3P
We declare that the material of product compliance with RoHS requirements.
logo
Shanghai Leiditech Elec...
LBAV99LT1G LEIDITECH-LBAV99LT1G Datasheet
679Kb / 4P
We declare that the material of product compliance with RoHS requirements and Halogen Free.
L9013PLT1G LEIDITECH-L9013PLT1G Datasheet
456Kb / 3P
We declare that the material of product compliance with RoHS requirements
LMBT5401LT1G LEIDITECH-LMBT5401LT1G Datasheet
445Kb / 5P
We declare that the material of product compliance with RoHS requirements
2N7002DW LEIDITECH-2N7002DW Datasheet
622Kb / 6P
We declare that the material of product compliance with RoHS requirements and Halogen Free.
LH8550QLT1G LEIDITECH-LH8550QLT1G Datasheet
475Kb / 4P
We declare that the material of product compliance with RoHS requirements and Halogen Free.
2N7002HW LEIDITECH-2N7002HW Datasheet
1Mb / 6P
We declare that the material of product compliance with RoHS requirements and Halogen Free.
Rev : 01.06.2015
2V7002W LEIDITECH-2V7002W Datasheet
1Mb / 6P
We declare that the material of product compliance with RoHS requirements and Halogen Free.
Rev : 01.06.2015
DMN601WKQ LEIDITECH-DMN601WKQ Datasheet
1Mb / 6P
We declare that the material of product compliance with RoHS requirements and Halogen Free.
Rev : 01.06.2015
SN7002W LEIDITECH-SN7002W Datasheet
1Mb / 6P
We declare that the material of product compliance with RoHS requirements and Halogen Free.
Rev : 01.06.2015
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com