Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30V Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # 30V
Description  Smaller size saves board space and cost
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

30V Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  30V Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd 30V Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd 30V Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Series
A.
Features
重要特性
重要特性
重要特性
重要特性
♦ Smaller size saves board space and cost
超小尺寸、节约空间和成本
♦ Resettable circuit protection
自恢复保护、免维护
♦ Fast time-to-trip
动作时间快
♦ Low resistance
低内阻值
♦ Lead-free and compliant with the European Union RoHS Directive 2002/95/EC
符合欧州ROHS无铅环保要求
B. Application
应用范围
应用范围
应用范围
应用范围
Polymer Resettable Fuse for over-current, over-temperature and short-circuit protection
可恢复保险丝用于过流、温度和线路短路保护
♦ Loudspeaker、VCD、DVD、Transformers、Automotive electronics、Electronic toys、Motors
音响喇叭、VCD、DVD机、变压器、汽车电子、电子玩具、马达(电动工具)
♦ IEEE1394 Ports
IEEE1394通讯接口
♦ USB hub, ports and peripherals
USB交换机及外围设备
♦ Phones
电话设备
♦ Data communication
数据交换机
♦ Modems/ Ethernet/LAN
调制解调器/以太网
C. General Description
简要概述
简要概述
简要概述
简要概述
Polymer resettable fuse are made of polymeric PTC materials which is a matrix of
自恢复保险丝是聚合物高分子材料通过特殊工艺而成 ,
polymer containing dispersed conductive particles. Generally, the device has a very
高分子粒子按一定的规律排列,正常情况下,自恢复保险丝器件处于低内阻状态,
low resistance. If an over-current happened, as a response to the damage current,
当电路中电流突然增大时,
the resistance will immediately increase to very high, reducing the current of the
器件将会在短时间内阻值升到高阻状态、高分子膨胀
circuit to a safe value that the loading can carry. Once fault to the circuit is weed out
从而起到减少过电流;
and power is recuperated, the polymer will deflate itself , the device will reset and is
一旦故障排除后,高分子将会恢复正常规则排序。
ready for normal operation.
30V
Rev :
www.leiditech.com
01.06.2015
1/3


Similar Part No. - 30V

ManufacturerPart #DatasheetDescription
logo
HUAAN LIMITED
30V HUAAN-30V Datasheet
179Kb / 2P
30V Series
logo
Shanghai Yint Electroni...
30V-050 YINT-30V-050 Datasheet
524Kb / 4P
Polymer PTC Resettable 30V Series
30V-075 YINT-30V-075 Datasheet
524Kb / 4P
Polymer PTC Resettable 30V Series
30V-090 YINT-30V-090 Datasheet
524Kb / 4P
Polymer PTC Resettable 30V Series
30V-110 YINT-30V-110 Datasheet
524Kb / 4P
Polymer PTC Resettable 30V Series
More results

Similar Description - 30V

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1206L012 LITTELFUSE-1206L012_12 Datasheet
811Kb / 6P
Fast response to fault currents Compact design saves board space
logo
Cynergy3 Co
LM10A CYNERGY3-LM10A Datasheet
1Mb / 2P
For smaller tanks and restricted space
logo
Maxim Integrated Produc...
MAXM17514 MAXIM-MAXM17514 Datasheet
588Kb / 15P
Saves Board Space in Space-Constrained Applications
Rev 1; 4/15
MAXM17543 MAXIM-MAXM17543 Datasheet
829Kb / 18P
Saves Board Space in Space-Constrained Applications
Rev 0; 11/14
logo
TT Electronics.
PCF-RC TTELEC-PCF-RC Datasheet
156Kb / 1P
saves board space
logo
Micro Commercial Compon...
ESDLC0524DFN10 MCC-ESDLC0524DFN10 Datasheet
689Kb / 4P
Small package saves board space
logo
Littelfuse
NGD18N45CLB LITTELFUSE-NGD18N45CLB Datasheet
279Kb / 8P
DPAK Package Offers Smaller Footprint for Increased Board Space
logo
Shanghai Leiditech Elec...
SMD1812 LEIDITECH-SMD1812 Datasheet
764Kb / 5P
Smaller size saves board space and cost
logo
Quelighting Corp
QLSP1308YG-288 QUELIGHTING-QLSP1308YG-288 Datasheet
578Kb / 11P
This is the much smaller than lead frame type components, thus enable smaller board size, higher packing density, reduced storage space and finally smaller equipment to be obtained.
1.0 03-13-2021
QLSP1608R-293 QUELIGHTING-QLSP1608R-293 Datasheet
630Kb / 11P
This is the much smaller than lead frame type components, thus enable smaller board size, higher packing density, reduced storage space and finally smaller equipment to be obtained.
1.0 03-13-2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com