Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8D-7 Datasheet(PDF) 6 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # 8D-7
Description  NTC Specification
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

8D-7 Datasheet(HTML) 6 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Back Button 8D-7 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd 8D-7 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd 8D-7 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd 8D-7 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd 8D-7 Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd 8D-7 Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd 8D-7 Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd 8D-7 Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd 8D-7 Datasheet HTML 10Page - Shanghai Leiditech Electronic Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
4.1、
参数(Common Parameters):
引线图
产品尺寸
尺寸
Dim
代号
(mm)
Sym
型号
Part No
Dmax
Tmax
∅d
±
0.1
F1
±
1
F2
±
1.5
直引线
Straight Lead
Wire
弯引线&直引线
Bend straight
wirelead
Lmin
L1±0.5
L2±2
NTC□D-5
7
5
0.55
5
3
15
3.5-20
7or4
NTC□D-7
9
5
0.55
5
3
15
3.5-20
7or4
NTC□D-9
11
5.5
0.75/0.55
7.5/5
5/3
15
3.5-20
7or4
NTC□D-11
13
5.5
0.75
7.5/5
5/3
15
3.5-20
7or4
NTC□D-13
15.5
6
0.75
7.5
5
15
3.5-20
7or4
NTC□D-15
17.5
6
0.75
10/7.5
5
15
3.5-20
7or4
NTC□D-20
22.5
7
1.0
10/7.5
/
15
/
/
备注:□ 为额定零功率电阻值。
□
Rated zero-power resistance
⑴ 引线形状
Lead the shape
⑵ 产品尺寸 Product size
Rev 2.0 :
www.leiditech.com
12.01.2019
6/24
10D-15
型号
最大直径
Dmax
最大厚度
Tmax
引线直径
∅d±0.1mm
间距
F1±
1mm
间距
F2±
1.5mm
引线长度
L1±0.5
引线长度
L2±2mm
10D-15
17.5mm
6mm
0.75mm
7.5mm
5.0mm
20mm
7or4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com