Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC5002 Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # AC5002
Description  Air source type high pressure coupling ion rod
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

AC5002 Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  AC5002 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd AC5002 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd AC5002 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
防静电专家
上海雷卯电子科技有限公司
2
www.leiditech.com
导线长度
2.5m(可按要求定制:5m 以内)
配套电源
AC2455 系列交流高压电源
◆ 工 作 方 式 (
AC)
◆ 消 除 静 电 效 果 图
测试仪器:
3M-711 静电测试仪
测试标准:
SJ/T10694-2006、GB/T14437-97
测试电压:
±1000 — ±100V 衰减
测试环境:湿度
30%—50% 温度 20±5℃
◆ 外 形 尺 寸 图
◆ 安 装 方 式



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com