Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3645EEE Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX3645EEE
Description  2.97V to 5.5V, 125Mbps to 200Mbps Limiting Amplifier with Loss-of-Signal Detector
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3645EEE Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX3645EEE Datasheet HTML 1Page - Maxim Integrated Products MAX3645EEE Datasheet HTML 2Page - Maxim Integrated Products MAX3645EEE Datasheet HTML 3Page - Maxim Integrated Products MAX3645EEE Datasheet HTML 4Page - Maxim Integrated Products MAX3645EEE Datasheet HTML 5Page - Maxim Integrated Products MAX3645EEE Datasheet HTML 6Page - Maxim Integrated Products MAX3645EEE Datasheet HTML 7Page - Maxim Integrated Products MAX3645EEE Datasheet HTML 8Page - Maxim Integrated Products MAX3645EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
+2.97V to +5.5V, 125Mbps to 200Mbps Limiting
Amplifier with Loss-of-Signal Detector
_______________________________________________________________________________________
5
Typical Operating Characteristics (continued)
(VCC = 3.3V, PECL outputs terminated with 50
Ω to VCC - 2V, RTH = 100Ω, CAZ = 0.1µF, CSD = 1nF, TA = +25°C, unless otherwise noted.)
LOSS-OF-SIGNAL WITH SQUELCH
(155Mbps, 223 - 1PRBS)
MAX3654 toc10
10
µs/div
LOS
VOUT
VIN
PULSE-WIDTH DISTORTION
vs. DIFFERENTIAL INPUT VOLTAGE
DIFFERENTIAL INPUT VOLTAGE (mVP-P)
1000
100
10
1
10
20
30
40
50
60
70
80
90
100
0
0.1
10,000
155Mbps 0011 PATTERN
DATA OUTPUT TRANSITION TIME
vs. DIFFERENTIAL INPUT VOLTAGE
DIFFERENTIAL INPUT VOLTAGE (mVP-P)
1000
100
10
1
0.5
1.0
1.5
2.0
2.5
3.0
0
0.1
10,000



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com