Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5D-13 Datasheet(PDF) 23 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # 5D-13
Description  NTC Specification
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

5D-13 Datasheet(HTML) 23 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Back Button 5D-13 Datasheet HTML 16Page - Shanghai Leiditech Electronic Technology Co., Ltd 5D-13 Datasheet HTML 17Page - Shanghai Leiditech Electronic Technology Co., Ltd 5D-13 Datasheet HTML 18Page - Shanghai Leiditech Electronic Technology Co., Ltd 5D-13 Datasheet HTML 19Page - Shanghai Leiditech Electronic Technology Co., Ltd 5D-13 Datasheet HTML 20Page - Shanghai Leiditech Electronic Technology Co., Ltd 5D-13 Datasheet HTML 21Page - Shanghai Leiditech Electronic Technology Co., Ltd 5D-13 Datasheet HTML 22Page - Shanghai Leiditech Electronic Technology Co., Ltd 5D-13 Datasheet HTML 23Page - Shanghai Leiditech Electronic Technology Co., Ltd 5D-13 Datasheet HTML 24Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
本体直径
Body diameter
D
max
7.5
9.0
13.5
18.0
18.0
23.0
引线直径
Wire lead diameter
∅d
±
0.03
∅0.55
∅0.55
∅0.75 ∅0.75 ∅0.97 ∅0.97
产品在胶带上偏差
Deviation across tape
△
T
max
2.0
2.0
2.0
2.0
2.0
2.0
编带总厚度
Overall tape thichness
t
±
0.2
0.7
0.7
0.7
0.7
0.7
0.7
引线间距
Lead spacing
F
±
1.0
5.0
5.0
7.5
7.5
10.0
10.0
12
NTC 热敏电阻注意事项 NTC thermistor to use matters needing attention
请遵循以下事项,否则可能会造成 NTC 热敏电阻损坏,使用设备损伤或引起误动作等后果
Please follow the following, or may result in damage to the NTC thermistor, the use
of equipment damage or cause false action, etc.
①、请勿在使用温度范围以外使用,请勿施加超出使用温度范围上下限的急剧温度变化。
Please follow the following, or may result in damage to the NTC thermistor, the use
of equipment damage or cause false action, etc.
②、请在额定功率条件下使用 NTC 热敏电阻。各规格最大额定功率为Φ7—1.2W
Φ9—1.9W
Φ11—2.3W
Φ13—3W
Φ15—3.5W
Φ20—4W
Please use the NTC thermistor under the rated power. The maximum rated power of each
specification is Phi 7 Phi 9 - 1.2W - 1.9W 11 - 2.3W 13 - Phi Phi Phi Phi 20 3W 15 - 3.5W
- 4W
③、在高湿高温环境下使用护套型 NTC 热敏电阻时应采取仅使护套封闭部分暴露于环境(水中 湿
气)中,而护套开口部分不会直接接触到水及蒸汽的设计
In the high humidity and high temperature environment, the sheath type NTC thermal
resistance should be used only to expose the sealing part of the sheath to the environment
(moisture in water), and the opening part of the sheath will not be directly exposed to the
design of water and steam.
④、配线时应确保导线端部(含连接器)不会深入水.蒸汽.电解质液等否则会造成接触不良。
Wiring should ensure that the end of the wire (including connectors) will not be deep
water. Steam. Electrolyte solution, etc., will result in poor contact.
⑤、请勿在腐蚀性气体的环境(Cl2 .NH3 .SOx.NOx)以及会接触到电解质液.盐水.酸.碱.有机溶
剂的场所中使用。
Please do not be exposed to the corrosive gas environment (.NH3.SOx.NOx Cl2) and will
be exposed to the electrolyte solution.
⑥、请勿过度拉伸及弯曲导线,请勿施加过度的振动.冲击及压力
Do not over stretch and bend the wire, please do not exert excessive vibration.
⑦、金属腐蚀可能会造成设备功能故障,故在选择材质时应确保金属护套型及螺钉紧固型 NTC
热敏电阻与安装的金属件之间不会产生接触的电位差。
Metal corrosion may cause equipment fault, so make sure not between metal metal
support and screw fastening type NTC thermistor and installation of the contact potential
difference in the choice of materials.
20D-15
Rev 2.0 :
www.leiditech.com
12.01.2019
23/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com