Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6D-13 Datasheet(PDF) 11 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # 6D-13
Description  NTC Specification
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

6D-13 Datasheet(HTML) 11 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Back Button 6D-13 Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd 6D-13 Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd 6D-13 Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd 6D-13 Datasheet HTML 10Page - Shanghai Leiditech Electronic Technology Co., Ltd 6D-13 Datasheet HTML 11Page - Shanghai Leiditech Electronic Technology Co., Ltd 6D-13 Datasheet HTML 12Page - Shanghai Leiditech Electronic Technology Co., Ltd 6D-13 Datasheet HTML 13Page - Shanghai Leiditech Electronic Technology Co., Ltd 6D-13 Datasheet HTML 14Page - Shanghai Leiditech Electronic Technology Co., Ltd 6D-13 Datasheet HTML 15Page - Shanghai Leiditech Electronic Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
6.2 请不要在下列条件下使用本元件,否则将可能导致性能衰退或产品损毁,甚至引起
火灾。
Do not apply the components under the following conditions, otherwise, it may result
in deterioration of characteristics,destruction of components orin the worst case,to
catching fire
6.2.1 超过最大的工作电流
Exceeding Imax
6.2.2 超过许可工作温度范围
Exceeding rated temperature range
6.2.3 散热不良,由于散热不良,本元件可能因部分过热而导致破坏
Inferior thermal dissipation,Due to badly inferior thermal dissipation, some part of
the components body will become overheated and then be damaged
7、产品性能 properties of products
7.1 机械性能
Mechanical Characteristics
机械性能
MECHANICAL CHARACTERISTICS
指标项目
Item
技术要求
Specification
测试条件
/方法
Test Conditions & Methods
可焊性
Solder-ability
浸润部分上锡均匀,上
锡面积≥
95%
The terminals shall be
uniformly tinned, and its
area≥95%
将引出端沾助焊剂后,浸入到温度为
240-245℃、深度为
15mm 的锡槽中锡面距NTC 本体下端6mm 处,持续2-3
秒。(参见
IEC68-2-20 /GB2423.28 试验Ta)
Dipping the NTC terminals to a depth of 15mm in a soldering
bath of 240-245℃and to the place of 6mm far from NTC
body for2-3s (See IEC68-2-20 /GB2423.28 Ta )
耐焊接热
Resistance To
Soldering Heat
无可见损伤
No visible mechanical
damage.
Δ
R/RN ≤20%
(ΔR =∣RN-RN'∣)
根据
IEC68-2-20(GB2423 .28)试验Tb 进行试验。
采用焊槽法,将引出端沾助焊剂后,浸入到温度为
265±
5℃、深度为15mm 的锡槽中,锡面距NTC 本体下端6mm
处,维持
10±1 秒. 在25±2℃条件下恢复4-5h 后,复测
额定零功率电阻
RN'.
Dipping the NTC terminals to a depth of 15mm in a soldering
bath of 265±5℃and to the place for 6mm below from NTC
body for 10±1s.After recovering4-5h under 25±2℃. The
rated zero power resistance value RN' shall be measured.
(See IEC68-2-20 /GB2423.28 Tb)
引出端强度
Strength of lead terminal
无损坏
No break out
Δ
R/RN ≤20%
(ΔR =∣RN-RN'∣)
根据
IEC68-2-21(GB2423 .29)试验U 进行试验。
试验
Ua:拉力10N,持续10 S;
试验
Ub:弯曲90°,拉力5N,持续10 S;
扭转
180°,拉力5N,持续10 S。
在
25±2℃条件下恢复4~5 h 后,复测额定零功率电阻RN'
Fasten the body and apply a force gradually to each lead until
10N and then keep for 10sec, Hold body and apply a force to
each lead until 90°slowly at 5N in the direction of lead
axis and then keep for 10sec, and do this in the opposite
direction repeat for other terminal. After recovering 4~5h
under 25±2℃, the rated zero power resistance value RN' shall
be measured.
(See IEC68-2-21/GB2423.29 Ua / Ub)
Rev 2.0 :
www.leiditech.com
12.01.2019
11/24
10D-15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com