Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1102 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1102
Description  8-Bit CODECs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1102 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1102 Datasheet HTML 1Page - Maxim Integrated Products MAX1102 Datasheet HTML 2Page - Maxim Integrated Products MAX1102 Datasheet HTML 3Page - Maxim Integrated Products MAX1102 Datasheet HTML 4Page - Maxim Integrated Products MAX1102 Datasheet HTML 5Page - Maxim Integrated Products MAX1102 Datasheet HTML 6Page - Maxim Integrated Products MAX1102 Datasheet HTML 7Page - Maxim Integrated Products MAX1102 Datasheet HTML 8Page - Maxim Integrated Products MAX1102 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
8-Bit CODECs
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = +2.7V to +3.6V (MAX1102), VDD = +4.5V to +5.5V (MAX1103), VDD = +2.7V to +5.5V (MAX1104), fSCLK = 6.0MHz (50% duty
cycle), ROUT = 10kΩ, COUT = 100pF, TA = TMIN to TMAX. Typical values are at TA = +25°C, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to GND ..............................................................-0.3V to +6V
AIN, OUT, DOUT to GND ...........................-0.3V to (VDD + 0.3V)
DIN, SCLK, CS to GND ............................................-0.3V to +6V
Continuous Power Dissipation (TA = +70°C)
8-Pin µMAX (derate 4.1mW/°C above +70°C) .................330mW
Operating Temperature Range ...........................-40°C to +85°C
Maximum Junction Temperature .....................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering,10s) ..................................+300°C
Soldering Temperature (reflow) .......................................+260°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
ADC DC ACCURACY (Note 1)
Resolution
8
Bits
Relative Accuracy
(Note 2)
INL
All codes
±1/4
±1
LSB
Differential Nonlinearity
DNL
Guaranteed monotonic
±1/4
±1
LSB
Offset Error
±1
LSB
MAX1102/MAX1103
±5
%
Gain Error
(Note 3)
MAX1104
±1
LSB
ADC DYNAMIC SPECIFICATIONS (fAIN = 10kHz SINE WAVE. VAIN = 0.9 ✕ VREFp-p)
Signal to Noise and Distortion
Ratio
SINAD
48
dB
Spurious-Free Dynamic Range
SFDR
59
dB
Total Harmonic Distortion
THD
58
dB
Full-Power Bandwidth
2.5
MHz
ADC Wake-Up Time from
Standby
Reference enabled (MAX1102/MAX1103)
3
µs
MAX1102/MAX11103
200
ADC Wake-Up Time from Full
Shutdown
MAX1104
3
µs
ANALOG INPUT
Analog Input Voltage
VAIN
0VREF
V
Input Resistance
RIN
10
M
Ω
Input Capacitance
CIN
20
pF
VOLTAGE REFERENCE
MAX1102
2
Reference Voltage
VREF
MAX1103
4
V
Temperature Coefficient
MAX1102/MAX1103
100
ppm/
oC
CONVERSION RATE
Conversion Time
tCONV
24
36
µs
Track/Hold Acquisition Time
tACQ
3.5
µs
Internal Clock Frequency
375
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com