Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BY25Q128AS Datasheet(PDF) 21 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # BY25Q128AS
Description  128M BIT SPI NOR FLASH
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

BY25Q128AS Datasheet(HTML) 21 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Back Button BY25Q128AS Datasheet HTML 17Page - Shanghai Leiditech Electronic Technology Co., Ltd BY25Q128AS Datasheet HTML 18Page - Shanghai Leiditech Electronic Technology Co., Ltd BY25Q128AS Datasheet HTML 19Page - Shanghai Leiditech Electronic Technology Co., Ltd BY25Q128AS Datasheet HTML 20Page - Shanghai Leiditech Electronic Technology Co., Ltd BY25Q128AS Datasheet HTML 21Page - Shanghai Leiditech Electronic Technology Co., Ltd BY25Q128AS Datasheet HTML 22Page - Shanghai Leiditech Electronic Technology Co., Ltd BY25Q128AS Datasheet HTML 23Page - Shanghai Leiditech Electronic Technology Co., Ltd BY25Q128AS Datasheet HTML 24Page - Shanghai Leiditech Electronic Technology Co., Ltd BY25Q128AS Datasheet HTML 25Page - Shanghai Leiditech Electronic Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 73 page
background image
July 2020
Rev 1.5
21 / 73
Instructions Description
BY25Q128AS
Manufacturer/
Device ID
90H
dummy
dummy
00H
(MID7-MID0)
(ID7-ID0)
continuous
Manufacturer/
Device ID by Dual
I/O
92H
A23-A8
A7-A0,
dummy
(MID7-
MID0),(DID7
-DID0)
continuous
Manufacturer/
Device ID by Quad
I/O
94H
A23-A0,
dummy
dummy(10)
(MID7-MID0)
(DID7-DID0)
continuous
JEDEC ID
9FH
MID7-
MID0
ID15-ID8
ID7-ID0
continuous
Read Serial Flash
Discoverable
Parameter
5AH
A23-A16
A15-A8
A7-A0
Dummy
D7-D0
continuous
Erase Security
Registers(8)
44H
A23-A16
A15-A8
A7-A0
Program Security
Registers(8)
42H
A23-A16
A15-A8
A7-A0
(D7-D0)
(D7-D0)
continuous
Read Security
Registers(8)
48H
A23-A16
A15-A8
A7-A0
dummy
(D7-D0)
continuous
Notes:
1. Dual Output data
IO0 = (D6, D4, D2, D0)
IO1 = (D7, D5, D3, D1)
2. Dual Input Address
IO0 = A22, A20, A18, A16, A14, A12, A10, A8, A6, A4, A2, A0, M6, M4, M2, M0
IO1 = A23, A21, A19, A17, A15, A13, A11, A9, A7, A5, A3, A1, M7, M5, M3,M1
3. Quad Output Data
IO0 = (D4, D0,…..)
IO1 = (D5, D1,…..)
IO2 = (D6, D2,…..)
IO3 = (D7, D3,…..)
4. Quad Input Address
IO0 = A20, A16, A12, A8, A4, A0, M4, M0
IO1 = A21, A17, A13, A9, A5, A1, M5, M1
IO2 = A22, A18, A14, A10, A6, A2, M6, M2
IO3 = A23, A19, A15, A11, A7, A3, M7, M3
5. Fast Read Quad I/O Data
IO0 = (x, x, x, x, D4, D0,…)
IO1 = (x, x, x, x, D5, D1,…)
IO2 = (x, x, x, x, D6, D2,…)
IO3 = (x, x, x, x, D7, D3,…)
6. Fast Word Read Quad I/O Data
IO0 = (x, x, D4, D0,…)
IO1 = (x, x , D5, D1,…)
IO2 = (x, x, D6, D2,…)
IO3 = (x, x, D7, D3,…)
7. Fast Word Read Quad I/O Data: the lowest address bit must be 0.
8. Security Registers Address:
Security Register1: A23-A16=00H, A15-A8=00010000b, A7-A0= Byte Address;
Security Register2: A23-A16=00H, A15-A8=00100000b, A7-A0= Byte Address;
Security Register3: A23-A16=00H, A15-A8=00110000b, A7-A0= Byte Address;
9. Dummy bits and Wraps Bits
IO0 = (x, x, x, x, x, x, w4, x)
IO1 = (x, x, x, x, x, x, w5, x)
IO2 = (x, x, x, x, x, x, w6, x)
IO3 = (x, x, x, x, x, x, x,x)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com