Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCIMX6DP4EYM8AB Datasheet(PDF) 71 Page - NXP Semiconductors

Part # SCIMX6DP4EYM8AB
Description  i.MX 6DualPlus/6QuadPlus Applications Processors Industrial Products
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCIMX6DP4EYM8AB Datasheet(HTML) 71 Page - NXP Semiconductors

Back Button SCIMX6DP4EYM8AB Datasheet HTML 67Page - NXP Semiconductors SCIMX6DP4EYM8AB Datasheet HTML 68Page - NXP Semiconductors SCIMX6DP4EYM8AB Datasheet HTML 69Page - NXP Semiconductors SCIMX6DP4EYM8AB Datasheet HTML 70Page - NXP Semiconductors SCIMX6DP4EYM8AB Datasheet HTML 71Page - NXP Semiconductors SCIMX6DP4EYM8AB Datasheet HTML 72Page - NXP Semiconductors SCIMX6DP4EYM8AB Datasheet HTML 73Page - NXP Semiconductors SCIMX6DP4EYM8AB Datasheet HTML 74Page - NXP Semiconductors SCIMX6DP4EYM8AB Datasheet HTML 75Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 160 page
background image
Electrical Characteristics
i.MX 6DualPlus/6QuadPlus Applications Processors Industrial Products, Rev. 3, 11/2018
NXP Semiconductors
71
Figure 30 shows the timing diagram of NAND_DQS/NAND_DATAxx read valid window. For DDR
Toggle mode, the typical value of tDQSQ is 1.4 ns (max) and 1.4 ns (max) for tQHS at 133 MB/s. GPMI
will sample NAND_DATA[7:0] at both rising and falling edge of a delayed NAND_DQS signal, which is
provided by an internal DPLL. The delay value of this register can be controlled by GPMI register
GPMI_READ_DDR_DLL_CTRL.SLV_DLY_TARGET (see the GPMI chapter of the i.MX
6DualPlus/6QuadPlus reference manual (IMX6DQPRM)). Generally, the typical delay value is equal to
0x7 which means 1/4 clock cycle delay expected. However, if the board delay is large enough and cannot
be ignored, the delay value should be made larger to compensate the board delay.
4.12
External Peripheral Interface Parameters
The following subsections provide information on external peripheral interfaces.
4.12.1
AUDMUX Timing Parameters
The AUDMUX provides a programmable interconnect logic for voice, audio, and data routing between
internal serial interfaces (SSIs) and external serial interfaces (audio and voice codecs). The AC timing of
AUDMUX external pins is governed by the SSI module. For more information, see the respective SSI
electrical specifications found within this document.
4.12.2
ECSPI Timing Parameters
This section describes the timing parameters of the ECSPI block. The ECSPI has separate timing
parameters for master and slave modes.
NF28 Data write setup
tDS6
0.25
× tCK - 0.32
—
ns
NF29 Data write hold
tDH6
0.25
× tCK - 0.79
—
ns
NF30 NAND_DQS/NAND_DQ read setup skew
tDQSQ7
—3.18
—
NF31 NAND_DQS/NAND_DQ read hold skew
tQHS7
—3.27
—
1 The GPMI toggle mode output timing can be controlled by the module’s internal registers
HW_GPMI_TIMING0_ADDRESS_SETUP, HW_GPMI_TIMING0_DATA_SETUP, and HW_GPMI_TIMING0_DATA_HOLD.
This AC timing depends on these registers settings. In the table, AS/DS/DH represents each of these settings.
2
AS minimum value can be 0, while DS/DH minimum value is 1.
3 T = tCK (GPMI clock period) -0.075ns (half of maximum p-p jitter).
4 CE_DELAY represents HW_GPMI_TIMING2[CE_DELAY]. NF18 is met automatically by the design. Read/Write operation is
started with enough time of ALE/CLE assertion to low level.
5 PRE_DELAY+1)
≥ (AS+DS).
6 Shown in Figure 28.
7 Shown in Figure 29.
Table 42. Samsung Toggle Mode Timing Parameters1 (continued)
ID
Parameter
Symbol
Timing
T = GPMI Clock Cycle
Unit
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com