Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCIMX6DP6EVT1AB Datasheet(PDF) 19 Page - NXP Semiconductors

Part # SCIMX6DP6EVT1AB
Description  i.MX 6DualPlus/6QuadPlus Applications Processors Industrial Products
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCIMX6DP6EVT1AB Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button SCIMX6DP6EVT1AB Datasheet HTML 15Page - NXP Semiconductors SCIMX6DP6EVT1AB Datasheet HTML 16Page - NXP Semiconductors SCIMX6DP6EVT1AB Datasheet HTML 17Page - NXP Semiconductors SCIMX6DP6EVT1AB Datasheet HTML 18Page - NXP Semiconductors SCIMX6DP6EVT1AB Datasheet HTML 19Page - NXP Semiconductors SCIMX6DP6EVT1AB Datasheet HTML 20Page - NXP Semiconductors SCIMX6DP6EVT1AB Datasheet HTML 21Page - NXP Semiconductors SCIMX6DP6EVT1AB Datasheet HTML 22Page - NXP Semiconductors SCIMX6DP6EVT1AB Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 160 page
background image
Electrical Characteristics
i.MX 6DualPlus/6QuadPlus Applications Processors Industrial Products, Rev. 3, 11/2018
NXP Semiconductors
19
4
Electrical Characteristics
This section provides the device and module-level electrical characteristics for the i.MX
6DualPlus/6QuadPlus processors.
4.1
Chip-Level Conditions
This section provides the device-level electrical characteristics for the SoC. See Table 3 for a quick
reference to the individual tables and sections.
4.1.1
Absolute Maximum Ratings
CAUTION
Stresses beyond those listed under Table 4 may affect reliability or cause
permanent damage to the device. These are stress ratings only. Functional
operation of the device at these or any other conditions beyond those
indicated in the Operating Ranges or Parameters tables is not implied.
Table 3. i.MX 6DualPlus/6QuadPlus Chip-Level Conditions
For these characteristics, …
Topic appears …
Absolute Maximum Ratings
on page 20
FCPBGA Package Thermal Resistance
on page 21
Operating Ranges
on page 22
External Clock Sources
on page 24
Maximum Measured Supply Currents
on page 26
Low Power Mode Supply Currents
on page 27
USB PHY Current Consumption
on page 29
SATA Typical Power Consumption
on page 29
PCIe 2.0 Maximum Power Consumption
on page 30
HDMI Maximum Power Consumption
on page 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com