Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELS4 Datasheet(PDF) 1 Page - EXCEL CELL ELECTRONIC CO., LTD.

Part # ELS4
Description  REED SENSOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECE [EXCEL CELL ELECTRONIC CO., LTD.]
Direct Link  https://www.ece.com.tw/en/
Logo ECE - EXCEL CELL ELECTRONIC CO., LTD.

ELS4 Datasheet(HTML) 1 Page - EXCEL CELL ELECTRONIC CO., LTD.

  ELS4 Datasheet HTML 1Page - EXCEL CELL ELECTRONIC CO., LTD. ELS4 Datasheet HTML 2Page - EXCEL CELL ELECTRONIC CO., LTD. ELS4 Datasheet HTML 3Page - EXCEL CELL ELECTRONIC CO., LTD. ELS4 Datasheet HTML 4Page - EXCEL CELL ELECTRONIC CO., LTD. ELS4 Datasheet HTML 5Page - EXCEL CELL ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
For the latest product information, Please visit our website at http://www.ece.com.tw
Sensor
REED SENSOR
ELS 4 SERIES
■ FEATURES
Does not require power for operation.
Omni-polar device - actuates with either pole of magnet.
Surface mount design.
Two magnetic sensitivity bands.
■ APPLICATIONS
Security system
Control equipment
Automotive device
■ SPECIFICATIONS
1.ELECTRICAL CHARACTERISTICS
Lead Type
ELS401
ELS402
ELS403
Contact form
1A
1A
1A
Pull-in Value (AT range before cutting)
10~30AT
10~25AT
10~20AT
Drop-out Value
5AT min.
5AT min.
5AT min.
Contact resistance
100mΩ max.
120mΩ max.
200mΩ max.
Breakdown voltage
250Vdc min.
200Vdc min.
150Vdc min.
Insulation resistance
1010Ω min.
109Ω min.
109Ω min.
Electrostatic capacitance
0.3pF max.
0.3pF max.
0.4pF max.
Contact rating
10W
10W
1W
Maximum switching voltage
200Vdc
100Vdc
24Vdc
Maximum switching current
0.5A
0.5A
0.1A
Maximum carry current
1.0A
0.5A
0.3A


Similar Part No. - ELS4

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
ELS-1 PF-ELS-1 Datasheet
832Kb / 4P
Enclosure Leakage Sensor
logo
Everlight Electronics C...
ELS-1005SURWA/S530-A3 EVERLIGHT-ELS-1005SURWA/S530-A3 Datasheet
123Kb / 7P
Technical Data Sheet 1.0" Single Digit Displays
ELS-1005SYGWA/S530-E2 EVERLIGHT-ELS-1005SYGWA/S530-E2 Datasheet
113Kb / 6P
Technical Data Sheet 1.0" Single Digit Displays
ELS-1005USOWA/S530-A3 EVERLIGHT-ELS-1005USOWA/S530-A3 Datasheet
115Kb / 6P
Technical Data Sheet 1.0" Single Digit Displays
ELS-1006SURWA-S530-A3 EVERLIGHT-ELS-1006SURWA-S530-A3 Datasheet
167Kb / 5P
1.0" Single Digit Displays
More results

Similar Description - ELS4

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
MK21M1A66B100W MEDER-MK21M1A66B100W Datasheet
130Kb / 1P
REED SENSOR
MK041A66B8000W MEDER-MK041A66B8000W Datasheet
126Kb / 1P
REED SENSOR
MK041A66C700W MEDER-MK041A66C700W Datasheet
207Kb / 1P
REED SENSOR
MK041A66D500W MEDER-MK041A66D500W Datasheet
207Kb / 1P
REED SENSOR
MK041B90C1000W MEDER-MK041B90C1000W Datasheet
206Kb / 1P
REED Sensor
MK091A66C MEDER-MK091A66C Datasheet
126Kb / 1P
REED Sensor
MK091B90C MEDER-MK091B90C Datasheet
152Kb / 1P
REED Sensor
MK0241A66B5000W MEDER-MK0241A66B5000W Datasheet
174Kb / 2P
REED Sensor
MK0241A66C4000W MEDER-MK0241A66C4000W Datasheet
173Kb / 2P
REED Sensor
MK0241A66E500W MEDER-MK0241A66E500W Datasheet
171Kb / 2P
REED Sensor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com