Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELS402 Datasheet(PDF) 2 Page - EXCEL CELL ELECTRONIC CO., LTD.

Part # ELS402
Description  REED SENSOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECE [EXCEL CELL ELECTRONIC CO., LTD.]
Direct Link  https://www.ece.com.tw/en/
Logo ECE - EXCEL CELL ELECTRONIC CO., LTD.

ELS402 Datasheet(HTML) 2 Page - EXCEL CELL ELECTRONIC CO., LTD.

  ELS402 Datasheet HTML 1Page - EXCEL CELL ELECTRONIC CO., LTD. ELS402 Datasheet HTML 2Page - EXCEL CELL ELECTRONIC CO., LTD. ELS402 Datasheet HTML 3Page - EXCEL CELL ELECTRONIC CO., LTD. ELS402 Datasheet HTML 4Page - EXCEL CELL ELECTRONIC CO., LTD. ELS402 Datasheet HTML 5Page - EXCEL CELL ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
For the latest product information, Please visit our website at http://www.ece.com.tw
Sensor
2.OPERATING CHARACTERISTICS
Lead Type
ELS401
ELS402
ELS403
Operate time
0.4ms max.
0.4ms max.
0.3ms max.
Bounce time
0.3ms max.
0.3ms max.
0.3ms max.
Release time
0.05ms max.
0.05ms max.
0.05ms max.
Shock resistance
100G
50G
30G
Vibration resistance
50G
(10~2000Hz)
30G
(10~2000Hz)
20G
(10~2000Hz)
Temperature range
-40~+125℃
-40~+125℃
-40~+125℃
Solderability
245
for 5
℃
seconds
245
for 5
℃
seconds
245
for 5
℃
seconds
Life expectancy
(5Vdc-1mA, Resistive load)
1x108
1x108
1x107
■ PART NUMBER SYSTEM
ELS 4 01 1015 1 00 Z
Z: RoHS Compliant
Standard product number
Packing:
1:Tape & Reel
Pull in AT range (before cutting):
1015:10~15AT
Lead type:
01:SMD 19.50mm
02:SMD 16.25mm
03:SMD 12.10mm
Type:
4:Reed switch
ELS SERIES
ELS401
ELS402
ELS403



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com