Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7154 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # VSC7154
Description  36-PHY 1.5Gbps and 3.0Gbps SAS Edge/Fanout Expander with Table Routing and SSP Engine
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

VSC7154 Datasheet(HTML) 2 Page - Maxim Integrated Products

  VSC7154 Datasheet HTML 1Page - Maxim Integrated Products VSC7154 Datasheet HTML 2Page - Maxim Integrated Products VSC7154 Datasheet HTML 3Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
The SAS expander device consists of 36 10-bit serializer/deserializers (SerDes), per-PHY
diagnostics facilities, retiming elasticity buffers, a target/initiator-capable SMP virtual PHY
engine, a target/initiator-capable STP virtual PHY engine, multiple I²C serial interfaces, a v3000
CPU, two UARTs, and a variety of general-purpose I/O (GPIO) including SGPIO. Each
receiver’s incoming data is monitored and checked for 8b/10b violations, data path parity errors,
disparity errors, CRC errors, and many other common error conditions.
The VSC7154 is a highly integrated solution that provides high-performance characteristics,
expander/enclosure management, as well as industry leading high-speed inputs/outputs that
can drive 3.0Gbps signals across existing backplanes.
Customers already using Maxim enclosure management controllers are able to reuse their
software from previous products for reduced time-to-market and development effort.
Key Features
36 SAS Expander PHYs with Integrated SerDes
Each PHY Can Operate Independently at 1.5Gbps or 3.0Gbps
Configurable as a SAS Fanout or Edge Expander
Nonblocking Switch Architecture (Any PHY to Any PHY Connectivity)
Table Routing (Up to 320 Destination Addresses)
SMP and SSP Virtual PHY with Initiator and Target Capability
Embedded Enclosure Management Processor (Stanford-1, 32-Bit RISC) for Local
Control and SES Functions
Four Operating Modes: Parallel Master, Parallel Slave, I²C Serial Interface Slave, and
SPI™ Master
Automatic PHY Speed Detection and Negotiation
Serial ATA Drive Support Using Internal STP/SATA Bridging Functions (1 per PHY)
Programmable Output Deemphasis and Input Signal Equalization Levels
Variable Wide-Port Support
Applications/Uses
Blade Servers
Disk-Based Backup Storage
Enterprise Storage Environments
Fabric Attached Storage (FAS) Systems
Fixed-Content Storage Systems
JBOD Arrays
Modular Direct-Attached Storage (DAS)
Near-Line Storage Replacement Systems
Network Attached Storage (NAS) Systems
Rack-Mounted Servers with RAID
Storage Area Network (SAN) Appliances



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com