Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCIMX6DP4EYM1AB Datasheet(PDF) 100 Page - NXP Semiconductors

Part # SCIMX6DP4EYM1AB
Description  i.MX 6DualPlus/6QuadPlus Applications Processors Industrial Products
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCIMX6DP4EYM1AB Datasheet(HTML) 100 Page - NXP Semiconductors

Back Button SCIMX6DP4EYM1AB Datasheet HTML 96Page - NXP Semiconductors SCIMX6DP4EYM1AB Datasheet HTML 97Page - NXP Semiconductors SCIMX6DP4EYM1AB Datasheet HTML 98Page - NXP Semiconductors SCIMX6DP4EYM1AB Datasheet HTML 99Page - NXP Semiconductors SCIMX6DP4EYM1AB Datasheet HTML 100Page - NXP Semiconductors SCIMX6DP4EYM1AB Datasheet HTML 101Page - NXP Semiconductors SCIMX6DP4EYM1AB Datasheet HTML 102Page - NXP Semiconductors SCIMX6DP4EYM1AB Datasheet HTML 103Page - NXP Semiconductors SCIMX6DP4EYM1AB Datasheet HTML 104Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 160 page
background image
i.MX 6DualPlus/6QuadPlus Applications Processors Industrial Products, Rev. 3, 11/2018
100
NXP Semiconductors
Electrical Characteristics
4.12.10.6.2 LCD Interface Functional Description
Figure 60 depicts the LCD interface timing for a generic active matrix color TFT panel. In this figure,
signals are shown with negative polarity. The sequence of events for active matrix interface timing is:
•
DI_CLK internal DI clock is used for calculation of other controls.
•
IPP_DISP_CLK latches data into the panel on its negative edge (when positive polarity is selected).
In active mode, IPP_DISP_CLK runs continuously.
•
HSYNC causes the panel to start a new line. (Usually IPUx_DIx_PIN02 is used as HSYNC.)
•
VSYNC causes the panel to start a new frame. It always encompasses at least one HSYNC pulse.
(Usually IPUx_DIx_PIN03 is used as VSYNC.)
•
DRDY acts like an output enable signal to the CRT display. This output enables the data to be
shifted onto the display. When disabled, the data is invalid and the trace is off.
(DRDY can be used either synchronous or asynchronous generic purpose pin as well.)
Figure 60. Interface Timing Diagram for TFT (Active Matrix) Panels
4.12.10.6.3 TFT Panel Sync Pulse Timing Diagrams
Figure 61 depicts the horizontal timing (timing of one line), including both the horizontal sync pulse and
the data. All the parameters shown in the figure are programmable. All controls are started by
corresponding internal events—local start points. The timing diagrams correspond to inverse polarity of
the IPP_DISP_CLK signal and active-low polarity of the HSYNC, VSYNC, and DRDY signals.
12
3
m
m–1
HSYNC
VSYNC
HSYNC
LINE 1
LINE 2
LINE 3
LINE 4
LINE n-1
LINE n
DRDY
IPP_DISP_CLK
IPP_DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com