Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX77271 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX77271
Description  Multimode PA Step-Down Converter with Linear Bypass Mode
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77271 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX77271 Datasheet HTML 1Page - Maxim Integrated Products MAX77271 Datasheet HTML 2Page - Maxim Integrated Products MAX77271 Datasheet HTML 3Page - Maxim Integrated Products MAX77271 Datasheet HTML 4Page - Maxim Integrated Products MAX77271 Datasheet HTML 5Page - Maxim Integrated Products MAX77271 Datasheet HTML 6Page - Maxim Integrated Products MAX77271 Datasheet HTML 7Page - Maxim Integrated Products MAX77271 Datasheet HTML 8Page - Maxim Integrated Products MAX77271 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
MAX77271
Multimode PA Step-Down Converter
with Linear Bypass Mode
www.maximintegrated.com
Maxim Integrated │ 4
Typical Operating Characteristics
(Typical Operating Circuit, VIN1 = VIN2 = 4V, COUT = 10µF, L = 2.2µH, Taiyo Yuden MAKK201610 series, TA = +25°C, unless otherwise noted.)
Electrical Characteristics (continued)
(VIN1 = VIN2 = VMODE = 4V, VEN = 1.3V, VREFIN = 0.72V, TA = -40°C to +85°C, typical values are at TA = +25°C, unless otherwise
noted.) (Note 3)
Note 3: The device is 100% production tested at TA = +25°C. Limits over the operating temperature range are guaranteed by design.
Note 4: Not tested in production, guaranteed by design and characterization.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
REFIN to Output Voltage Comparator
(tDEB_VC_OUTHI)
Fast slew down enabled
35
µs
POWER-UP TIMING (Figure 2)
Time Delay from EN Until LX Starts
Switching (tEN_BUCK)
30
45
µs
REFIN Transient (to 95% of Target)
(Note 4)
VOUT transition from 0.7V to 3.4V,
COUT = 14.1µF, L = 2.2µH, 5Ω load
7
11
µs
VOUT transition from 3.4V to 0.7V,
COUT = 14.1µF, L = 2.2µH, 20Ω
9
12.3
Time from EN High to VOUT Within 95%
of Regulation (Note 4)
37
56
µs
Output Noise (Note 4)
650MHz to 2.2GHz,
30kHz resolution
bandwidth,
COUT = 15µF,
L = 2.2µH,
TA = +25°C
2G mode; VIN = 4.3V,
3.8V; VOUT = 3.4V;
IOUT = 1.2A, 1.5A, 2.2A
-147
-95
dBm/Hz
3G mode; VIN = 4.3V,
3.4V; VOUT = 3.4V;
IOUT = 400mA, 500mA,
600mA
-148
-105
DROPOUT RESISTANCE
vs. LOAD CURRENT
LOAD CURRENT (mA)
2000
1500
1000
500
85
50
0
2500
55
60
65
70
75
80
VIN = 3.4V
VREFIN = 1.6V
500
1000
1500
2000
2500
3000
SWITCHING FREQUENCY
vs. REFIN VOLTAGE
REFIN VOLTAGE (V)
3500
0
1.2
0.8
0.4
0
1.6
2G AND 3G MODE
4Ω LOAD
VIN = 4V
500
1000
1500
2000
2500
3000
SWITCHING FREQUENCY
vs. REFIN VOLTAGE
REFIN VOLTAGE (V)
3500
0
1.2
0.8
0.4
0
1.6
2G AND 3G MODE
10Ω LOAD
VIN = 4V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com