Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX11642 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX11642
Description  8-Bit, 16-/8-Channel, 300ksps ADCs with FIFO and Internal Reference
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11642 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX11642 Datasheet HTML 1Page - Maxim Integrated Products MAX11642 Datasheet HTML 2Page - Maxim Integrated Products MAX11642 Datasheet HTML 3Page - Maxim Integrated Products MAX11642 Datasheet HTML 4Page - Maxim Integrated Products MAX11642 Datasheet HTML 5Page - Maxim Integrated Products MAX11642 Datasheet HTML 6Page - Maxim Integrated Products MAX11642 Datasheet HTML 7Page - Maxim Integrated Products MAX11642 Datasheet HTML 8Page - Maxim Integrated Products MAX11642 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
8-Bit, 16-/8-Channel, 300ksps ADCs
with FIFO and Internal Reference
4
_______________________________________________________________________________________
Note 2: Limits at TA = -40°C are guaranteed by design and not production tested.
Note 3: The MAX11639/MAX11643 tested at VDD = +3V. The MAX11638/MAX11642 tested at VDD = +5V.
Note 4: Offset nulled.
Note 5: Time for reference to power up and settle to within 1 LSB.
Note 6: Conversion time is defined as the number of clock cycles multiplied by the clock period; clock has 50% duty cycle.
Note 7: See Figure 3 (Equivalent Input Circuit) and the Sampling Error vs. Source Impedance curve in the
Typical Operating
Characteristics section.
Note 8: When CNVST is configured as a digital input, do not apply a voltage between VIL and VIH.
Note 9: Supply current is specified on whether an internal or external reference is used for voltage conversions.
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +2.7V to +3.6V (MAX11639/MAX11643), VDD = +4.75V to +5.25V (MAX11638/MAX11642), fSAMPLE = 300kHz, fSCLK =
4.8MHz (external clock 50% duty cycle), VREF = 2.5V (MAX11639/MAX11643), VREF = 4.096V (MAX11638/MAX11642), TA = TMIN to
TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DIGITAL INPUTS (SCLK, DIN,
CS, CNVST) (Note 8)
MAX11638/MAX11642
0.8
Input Voltage Low
VIL
MAX11639/MAX11643
VDD x 0.3
V
MAX11638/MAX11642
2.0
Input Voltage High
VIH
MAX11639/MAX11643
VDD x 0.7
V
Input Hysteresis
VHYST
200
mV
Input Leakage Current
IIN
VIN = 0V or VDD
±0.01
±1.0
µA
Input Capacitance
CIN
15
pF
DIGITAL OUTPUTS (DOUT,
EOC)
ISINK = 2mA
0.4
Output Voltage Low
VOL
ISINK = 4mA
0.8
V
Output Voltage High
VOH
ISOURCE = 1.5mA
VDD - 0.5
V
Three-State Leakage Current
IL
CS = VDD
±0.05
±1
µA
Three-State Output
COUT
CS = VDD
15
pF
POWER REQUIREMENTS
MAX11638/MAX11642
4.75
5.25
Supply Voltage
VDD
MAX11639/MAX11643
2.7
3.6
V
fSAMPLE = 300ksps
1750
2000
fSAMPLE = 0, REF on
1000
1200
Internal reference
Shutdown
0.2
5
fSAMPLE = 300ksps
1050
1200
MAX11639/MAX11643 Supply
Current (Note 9)
IDD
External reference
Shutdown
0.2
5
µA
fSAMPLE = 300ksps
2300
2550
fSAMPLE = 0, REF on
1000
1350
Internal reference
Shutdown
0.2
5
fSAMPLE = 300ksps
1550
1700
MAX11638/MAX11642 Supply
Current (Note 9)
IDD
External reference
Shutdown
0.2
5
µA
VDD = 2.7V to 3.6V, full-scale input
±0.2
±1
Power-Supply Rejection
PSR
VDD = 4.75V to 5.25V, full-scale input
±0.2
±1.4
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com