Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDA036AST Datasheet(PDF) 2 Page - FutureWafer Tech Co.,Ltd

Part # FDA036AST
Description  Latch Up High Current ESD Protection Device
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

FDA036AST Datasheet(HTML) 2 Page - FutureWafer Tech Co.,Ltd

  FDA036AST Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd FDA036AST Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd FDA036AST Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd FDA036AST Datasheet HTML 4Page - FutureWafer Tech Co.,Ltd FDA036AST Datasheet HTML 5Page - FutureWafer Tech Co.,Ltd FDA036AST Datasheet HTML 6Page - FutureWafer Tech Co.,Ltd FDA036AST Datasheet HTML 7Page - FutureWafer Tech Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
FDA036AST
www.futurewafer.com.tw
Document Number:F12126A
31-Mar-2021 V 2.0
Latch Up High Current ESD Protection Device
Www.futurewafer.com.tw
Electrical Characteristics
DC Characteristics
Parameter
Symbol
Test Condition
Value
Units
Min.
Typ.
Max.
Breakdown Voltage
V BR
It = 1mA , I/O to GND
5.0
7.0
-
V
Leakage Current
I L
V = 3.3V , I/O to GND
-
-
0.1
uA
AC Characteristics
Parameter
Symbol
Test Condition
Value
Units
Min.
Typ.
Max.
Line Capacitance
C L
V = 0V,f = 1MHZ,
I/O to I/O
-
2.0
2.5
pF
V = 0V,f=1MHZ,
I/O to GND
-
-
5.0
Protection Characteristics
Parameter
Symbol
Test Condition
Value
Units
Min.
Typ.
Max.
Clamping Voltage
V CL,SURGE
IPP = 1A,8/20us,
I/O to GND
-
-
5.5
V
IPP = 25A,8/20us,
I/O to GND
-
-
16
Rating and Characteristic Curve
Pulse Duration-tp (us)
Fig. 1 Non-repetitive Peak Pulse Power V.S Pulse Time
400W,8/20us



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com