Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES1GL Datasheet(PDF) 2 Page - FutureWafer Tech Co.,Ltd

Part # ES1GL
Description  1A Surface Mount Super Fast Rectifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

ES1GL Datasheet(HTML) 2 Page - FutureWafer Tech Co.,Ltd

  ES1GL Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd ES1GL Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd ES1GL Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd ES1GL Datasheet HTML 4Page - FutureWafer Tech Co.,Ltd ES1GL Datasheet HTML 5Page - FutureWafer Tech Co.,Ltd ES1GL Datasheet HTML 6Page - FutureWafer Tech Co.,Ltd ES1GL Datasheet HTML 7Page - FutureWafer Tech Co.,Ltd ES1GL Datasheet HTML 8Page - FutureWafer Tech Co.,Ltd ES1GL Datasheet HTML 9Page - FutureWafer Tech Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
ES1D / ES1G / ES1J Series
1A Surface Mount Super Fast Rectifier
Document Number: F418253
31-AUG-2021 V 2.1
www.futurewafer.com.tw
2/11
2. Contents
1. Synopsis.............................................................................................................................................. 1
1-1. Feature List ............................................................................................................................... 1
1-2. Mechanical Characteristics ..................................................................................................... 1
1-3. Electrical Characteristics ......................................................................................................... 1
1-4. Thermal Characteristics........................................................................................................... 1
2. Contents .............................................................................................................................................. 2
3. Ratings and Characteristics Curve (TA=25°C Unless Otherwise Noted) ................................................... 3
4. Soldering Parameters....................................................................................................................... 4
5. Package Information-SMAJ ............................................................................................................ 5
5-1. Dimension-SMAJ...................................................................................................................... 5
5-2. PCB Pad Layout Recommendation-SMAJ ........................................................................... 5
6. Packing-SMAJ .................................................................................................................................... 6
6-1. Taping and Reel Specification-SMAJ .................................................................................... 6
6-2. Embossed Carrier Tape Specification-SMAJ ....................................................................... 6
6-3. Surface Mount Reel Specification-SMAJ .............................................................................. 7
6-4. Tape Leader and Trailer Specification-SMAJ....................................................................... 7
7. Package Information-SOD123-FL .................................................................................................. 8
7-1. Dimension-SOD123-FL ........................................................................................................... 8
7-2. PCB Pad Layout Recommendation-SOD123-FL................................................................. 8
8. Packing-SOD123-FL.......................................................................................................................... 9
8-1. Taping and Reel Specification-SOD123-FL.......................................................................... 9
8-2. Embossed Carrier Tape Specification-SOD123-FL............................................................. 9
8-3. Surface Mount Reel Specification-SOD123-FL.................................................................. 10
8-4. Tape Leader and Trailer Specification-SOD123-FL .......................................................... 10
9. Ordering Information ...................................................................................................................... 11
10. Version............................................................................................................................................. 11
10-1. History.................................................................................................................................... 11
10-2. Company Profile................................................................................................................... 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com