Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSD08C Datasheet(PDF) 2 Page - FutureWafer Tech Co.,Ltd

Part # FSD08C
Description  Single Line TVS for ESD Protection Device in Portable Electronics
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

FSD08C Datasheet(HTML) 2 Page - FutureWafer Tech Co.,Ltd

  FSD08C Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd FSD08C Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd FSD08C Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd FSD08C Datasheet HTML 4Page - FutureWafer Tech Co.,Ltd FSD08C Datasheet HTML 5Page - FutureWafer Tech Co.,Ltd FSD08C Datasheet HTML 6Page - FutureWafer Tech Co.,Ltd FSD08C Datasheet HTML 7Page - FutureWafer Tech Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Document No.:F118065
13-Jul-2021 V2.1
www.futurewafer.com.tw
Electronical Characteristics per line @25°C Unless Otherwise Specified
Part No.
Rated
Stand-off
Voltage
V RWM
(Volts)
Minimum
Breakdown
Voltage
@1mA
V (BR)
(Volts)
Maximum
Clamping
Voltage
@IPP=1A
V C
(Volts)
Peak
Pulse
Current
@8/20us
I PP
(A)
Maximum
Leakage
Current
@VRWM
I R
(µA)
Maximum
Capacitance
@0V,1MHZ
C J
(ρF)
FSD03C
3.3
5.2
6.9
28
15
200
FSD05C
5.0
6.0
9.8
24
10
175
FSD08C
8.0
8.0
12.5
20
1
150
FSD12C
12.0
13.3
18.5
17
1
50
FSD15C
15.0
16.7
24.0
12
1
40
FSD24C
24.0
26.7
34.0
7
1
40
6. Electrical Characteristics
7. Rating and Characteristic Curve
FSD03C through FSD24C
Single Line TVS for ESD Protection Device
in Portable Electronics
450W,8/20µS
Pulse Duration-tp (us)
Fig. 1 Non-repetitive Peak Pulse Power V.S Pulse Time



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com