Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM1117S Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # LM1117S
Description  1A LOWDROP OUT VOLTAGE REGULATOR (ADJUSTABLE & FIXED)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LM1117S Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  LM1117S Datasheet HTML 1Page - List of Unclassifed Manufacturers LM1117S Datasheet HTML 2Page - List of Unclassifed Manufacturers LM1117S Datasheet HTML 3Page - List of Unclassifed Manufacturers LM1117S Datasheet HTML 4Page - List of Unclassifed Manufacturers LM1117S Datasheet HTML 5Page - List of Unclassifed Manufacturers LM1117S Datasheet HTML 6Page - List of Unclassifed Manufacturers LM1117S Datasheet HTML 7Page - List of Unclassifed Manufacturers LM1117S Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
1A LOWDROP OUT VOLTAGE REGULATOR (FIXED & ADJUSTABLE)
LM1117
Figure 3. Negative Supply
FLOATING INPUT
Figure 4. Active Terminator for SCSI-2 BUS
HTC
7
LM1117S,T-50
IN
OUT
GND
VIN
+
+
100㎌
10㎌
VOUT=-5V
4.75V
TO
5.25V
+
10㎌
LM1117S,T-28
IN
(2.85V)
GND
+ 22㎌
110
110
110
110
18-27
LINES



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com