Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2596T Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # LM2596T
Description  3.0A, 150Khz, Step-Down Switching Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LM2596T Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button LM2596T Datasheet HTML 3Page - List of Unclassifed Manufacturers LM2596T Datasheet HTML 4Page - List of Unclassifed Manufacturers LM2596T Datasheet HTML 5Page - List of Unclassifed Manufacturers LM2596T Datasheet HTML 6Page - List of Unclassifed Manufacturers LM2596T Datasheet HTML 7Page - List of Unclassifed Manufacturers LM2596T Datasheet HTML 8Page - List of Unclassifed Manufacturers LM2596T Datasheet HTML 9Page - List of Unclassifed Manufacturers LM2596T Datasheet HTML 10Page - List of Unclassifed Manufacturers LM2596T Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
3.0A, 15V, Step-Down Switching Regulator
7
LM2596
HTC
Test Circuit and Layout Guidelines
As in any switching regulator, layout is very important. Rapidly switching currents associated with wiring inductance can
generate voltage transients which can cause problems. For minimal inductance and ground loops, the wires indicated by
heavy lines should be wide printed circuit traces and should be kept as short as possible. For best results, external
components should be located as close to the switcher lC as possible using ground plane construction or single point
grounding.
If open core inductors are used, special care must be taken as to the location and positioning of this type of inductor. Allowing
the inductor flux to intersect sensitive feedback, lC groundpath and COUT wiring can cause problems.
When using the adjustable version, special care must be taken as to the location of the feedback resistors and the
associated wiring. Physically locate both resistors near the IC, and route the wiring away from the inductor, especially an open
core type of inductor.
Figure 2. Typical Test Circuits and Layout Guide
Oct 2004 - Rev 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com