Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9727 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX9727
Description  Quad Audio Line Driver with 3VRMS Output
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9727 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX9727_V01 Datasheet HTML 1Page - Maxim Integrated Products MAX9727_V01 Datasheet HTML 2Page - Maxim Integrated Products MAX9727_V01 Datasheet HTML 3Page - Maxim Integrated Products MAX9727_V01 Datasheet HTML 4Page - Maxim Integrated Products MAX9727_V01 Datasheet HTML 5Page - Maxim Integrated Products MAX9727_V01 Datasheet HTML 6Page - Maxim Integrated Products MAX9727_V01 Datasheet HTML 7Page - Maxim Integrated Products MAX9727_V01 Datasheet HTML 8Page - Maxim Integrated Products MAX9727_V01 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Quad Audio Line Driver with 3VRMS Output
_______________________________________________________________________________________
3
Note 1: All devices are 100% tested at TA = +25°C. Specifications over temperature are guaranteed by design.
Note 2: Inputs AC-coupled to PGND.
Note 3: Click-and-pop testing performed with a 1kΩ resistive load connected to ground. Mode transitions are controlled by SHDN.
KCP level is calculated as 20log[(peak voltage during mode transition, no input signal)/1VRMS]. Units are expressed in dBV.
ELECTRICAL CHARACTERISTICS
(VDD = PVDD = 3.3V, PGND = 0V, SHDN = VDD, VCM = 0V, C1 = C2 = 1µF, RIN = RF = 5kΩ, RL = ∞, TA = TMIN to TMAX. Typical val-
ues are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VOUT = 1.6VRMS, BW = 22Hz to 22kHz,
f = 1kHz, unweighted, RL = 10k
Ω
0.0005
VOUT = 2VRMS, BW = 22Hz to 22kHz,
f = 1kHz, unweighted, RL = 10k
Ω
0.0006
Total Harmonic Distortion Plus
Noise
THD+N
VOUT = 1.6VRMS, BW = 22Hz to 22kHz,
f = 1kHz, unweighted, RL = 1k
Ω
0.003
%
22Hz to 22kHz
109
VOUT = 1.6VRMS,
RL = 1k
Ω
A-weighted
113.6
22Hz to 22kHz
111
Signal-to-Noise Ratio
SNR
VOUT = 2VRMS,
RL = 1k
Ω
A-weighted
115.5
dB
Into shutdown
-62.2
Click-and-Pop Level
KCP
Peak voltage,
A-weighted, 32
samples/s (Notes 2, 3)
Out of shutdown
-54.3
dBV
Slew Rate
RL = 1k
Ω, CL = 100pF
0.9
V/µs
Turn-On Time
tON
90
µs
Turn-Off Time
tOFF
1µs
Capacitive Drive
CL
No sustained oscillations
220
pF
Crosstalk
f = 10kHz
-70
dB
Large-Signal Open-Loop Gain
AVOL
VOUT = 2VRMS
82
dB
Small-Signal Open-Loop Gain
AVOS
VOUT = 100mVRMS
95
dB
Gain Bandwidth
GBW
3
MHz
Charge-Pump Switching
Frequency
fOSC
150
300
450
kHz
Charge-Pump Output Impedance
Measured at PVSS
20
Ω
ESD Protection
ESD
HBM
±8
kV
DIGITAL INPUTS (
SHDN)
Input-Voltage High
VIH
2.0
V
Input-Voltage Low
VIL
0.8
V
Input Leakage Current
ILEAK
±1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com