Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDW Datasheet(PDF) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LDW
Description  Commom Mode Choke
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LDW Datasheet(HTML) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LDW Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LDW Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LDW Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LDW Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LDW Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LDW Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd LDW Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd LDW Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd LDW Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
■
Dimensions
■
Recommended Land Pattern
unit:mm
unit:mm
■
Electrical Characteristics
Impedance
Test Freq.
RDC
Irms
(Ω)(mΩ)Max.
(mA)Max.
2. Irms for 40℃ rise above 25℃ ambient.
3. Z:1,2-4,3 Common mode
4. The actual use current is suggested not to be out of Isat*80%
5. Measure Equipment:
Z: HP4287A
RDC: CHROMA MILLIOM METER MODE 16502
Irms: HP4284A+HP42841A
1. Operating temperature range -40℃~125℃(Including self - temperature rise)
Part No.
500
100 MHz,0.2 V
10
5000
LDW0935T-501
LDW Series
Rev :
www.leiditech.com
01.06.2018
4/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com