Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LHCD201610A-R33M-A8S Datasheet(PDF) 7 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LHCD201610A-R33M-A8S
Description  Moiding power lnducto rs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LHCD201610A-R33M-A8S Datasheet(HTML) 7 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LHCD201610A-R33M-A8S Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LHCD201610A-R33M-A8S Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LHCD201610A-R33M-A8S Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LHCD201610A-R33M-A8S Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LHCD201610A-R33M-A8S Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LHCD201610A-R33M-A8S Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd LHCD201610A-R33M-A8S Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd LHCD201610A-R33M-A8S Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd LHCD201610A-R33M-A8S Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Electrical Characteristics
Part Number
Inductance
(uH)
Tolerance
(±%)
Test
Frequency
(MHz)
RDC(mΩ)
Max(Typ.)
Isat(A)
Max(Typ.)
Irms(A)
Max(Typ.)
LHCD252012A-R33M-A8S
0.33
20
2
35(27)
6.8(8.5)
4.0(4.6)
LHCD252012A-R47M-A8S
0.47
20
2
39(29)
6.2(7.8)
3.7(4.4)
LHCD252012A-R68M-A8S
0.68
20
2
46(40)
5.5(6.5)
3.3(3.7)
LHCD252012A-1R0M-A8S
1.0
20
2
59(45)
4.0(5.0)
3.0(3.5)
LHCD252012A-1R5M-A8S
1.5
20
2
70(62)
3.4(4.0)
2.5(2.7)
LHCD252012A-2R2M-A8S
2.2
20
2
115(102)
3.3(3.8)
2.0(2.3)
Note: When ordering, please specify tolerance code. Tolerance: M=±20%
Operating temperature range-40℃~125℃(Including self - temperature rise)
 Isat for Inductance drop 30% from its value without current
 Irms for a 40℃ temperature rise from 25℃ ambient with current
 Absolute maximum voltage 25VDC
 Measure Equipment:
L:Agilent E4991/HP4286A+16197A
(or equivalent), 2MHz 0.2V
RDC:CHEN HWA502BC/HP4338B
(or equivalent)
Isat:Agilent E4980A+HP42841A
(or equivalent)
Irms:Agilent 6641 SYSTEM DC POWER SUPPLY
(or equivalent)
Test Instruments:E4991A Impedance / Material Analyzer
Inductance v.s DC Current
0.0
0.5
1.0
1.5
2.0
2.5
0123456789
DC Current(A)
R33
R47
R68
1R0
1R5
2R2
Temperature Change v.s DC Current
0
10
20
30
40
50
60
70
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
DC Current(A)
R33
R47
R68
1R0
1R5
2R2
LHCD Series
Rev :
www.leiditech.com
01.06.2018
7/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com