Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM1D07N02K Datasheet(PDF) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM1D07N02K
Description  N-Channel Enhancement Mode Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM1D07N02K Datasheet(HTML) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LM1D07N02K Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LM1D07N02K Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM1D07N02K Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LM1D07N02K Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LM1D07N02K Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
7.ELECTRICAL CHARACTERISTICS CURVES
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
1
2
3
VDS,Drain to Source Voltage(V)
Ta=25℃
VGS=1V
VGS=1.2V
VGS=1.4V
VGS=1.6V,1.8V,
2V,3V,4V,4.5V
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
0.5
1
1.5
VGS,Gate to Source Voltage(V)
VDS=5V
125℃
25℃
-50℃
0
0.1
0.2
0.3
0.4
0.5
0.6
0.4
0.6
0.8
1
VSD,Diode Forward Voltage(V)
125℃
25℃
-50℃
0.2
0.25
0.3
0.35
0.4
0.45
0.5
0.55
0.6
0
0.2
0.4
0.6
0.8
1
ID,Drain Current(A)
Ta=25℃
VGS=1.8V
VGS=2.5V
VGS=4.5V
ID vs. VDS
ID vs. VGS
IS vs. VSD
RDSON vs. ID
LM1D07N02K
Rev 2.0 :
www.leiditech.com
12.01.2019
3/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com